Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 4 Page - STMicroelectronics

  L9918 Datasheet HTML 1Page - STMicroelectronics L9918 Datasheet HTML 2Page - STMicroelectronics L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
1.3.2
Closed loop voltage control
L9918 regulates the voltage on car loads by closed loop control. Target voltage (set point) can be chosen by
default (UR_DEF_REG NVM bits) or it can be sent by the Engine Control Unit (ECU) through LIN interface
(VBSPLINRG).
1.3.3
Load response control (LRC)
The torque applied to the engine by the alternator is proportional to the alternator output current. If an electrical
load is applied by vehicle harness, the torque applied to the engine can be too high to be sustained, especially if
engine is running at low RPM. The LRC is intended to manage temporarily the alternator output current variation
in order to limit torque demand variation.
On high rotational speeds, engines do not suffer from torque changes. For this reason load response is switched
off for RPM > SPLRC,x such that any DC adjustment is executed immediately. The load response function will be
active again if RPM < SPLRC,x condition is detected.
The LRC can be configured by ECU via LIN or it can adopt a default configuration (NVM programming).
To avoid permanent voltage adjustment with load response control (while RPM < SPLRC,x), even in case of small
duty cycle variations, the regulator has a "blind-zone" range. If duty cycle variation falls within this range, LRC is
not activated. Blind zone control can be programmed by TV_SPRUNG NVM bits.
The blind zone can be switched through LIN RX frame. This feature can be enabled or disabled by programming
TV_SPRUNG_EN NVM bit. In case the feature is disabled (TV_SPRUNG_EN = 0) the regulator applies a
programmed default value: blind zone can’t be changed via LIN and commands corresponding to BZ change into
the RX frames are ignored.
1.3.4
Pre-excitation
Conditions for pre-excitation are defined in the internal state machine. In pre-excitation mode, the rotor is
magnetized with a fixed duty cycle in order to produce an induced voltage as soon as the engine turns on.
Device behavior in pre-excitation is highly configurable. More detailed explanation on all the possible pre-
excitation modes are provided in Section 4.2.3 Pre-excitation specific mode selection
1.3.5
Phase regulation
When the engine rotates and the device is regulating, the regulator requires a minimum voltage level on the stator
coil signal (phase signal) in order to be ready for engine rotation speed measurement. Proper phase signal level
is guaranteed by phase regulation function (Section 3.2.2 Phase regulation).
1.3.6
Low voltage function
When very low battery voltage is measured, current provided to the excitation coil is driven forcing excitation duty
cycle at 100% until a minimum defined voltage is achieved (Section 2.2.4 UV/OV management).
1.3.7
Overvoltage safety function
L9918 implements an EXC switch off safety function in case of overvoltage detection (Section 2.2.4 UV/OV
management).
1.3.8
Overvoltage function
Other than Overvoltage safety function, L9918 is equipped with a further overvoltage function, which allows filter
time and threshold programmability (Section 2.2.4 UV/OV management).
1.3.9
Excitation current measurements
Device is equipped with a current sensor in order to measure the current flowing out from EXC pin
(Section 4.2.6 Excitation current measurement).
1.3.10
Current limitation and overcurrent protection
Current limitation can be used to limit the EXC current. Current limitation activation threshold can be set by LIN or
by specific NVM bits programming.
L9918
List of device features
DS13000 - Rev 2
page 4/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com