Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
Figure 6. Dependency between B+ and EXC duty cycle in case of P_ANT regulation and I_ANT variation
Set point
Set point – P_ANT
100%
50%
0%
EXC DC
B+
I_ANT variation
Alternator
output voltage
DC
Set point
Set point – 100mV
Set point – 200mV
Set point – P_ANT
Set point –
2
0%
100%
P_ANT
P_ANT regulation
I_ANT = 0 mV
I_ANT = -100
mV
I_ANT
= -200
mV
I_ANT
= OFF
2.2.3
Thermal compensation
Thermal compensation function is a protection function whose aim is to reduce current flowing out from EXC pin
when a too high junction temperature is sensed.
This function operates as reported in Figure 6. Adopted set point is gradually reduced in case measured Tj is
greater than thermal compensation threshold THT.
THT threshold can be programmed by HT_KN NVM bits. In some LIN configuration an offset can be added to
HT_KN (Section A.7 Voltage limitation for high temperatures), so that THT = HT_KN + LIN offset. Maximum
value of the adopted THT value is furthermore clamped to HT_KN_MAX. This means that the operative THT value
is chosen as the minimum between HT_KN_MAX and HT_KN + LIN offset.
Once thermal compensation function is active, maximum set point is reduced accordingly to SHT slope [mV/C]
which can be set by NVM register HTK_SLOPE. As Tj increase, the maximum adopted set point decreases.
Thermal compensation dynamic behaviour is influenced by NVM bits G_HT, by which is possible to select the
desired set point variation time gradient.
A further option related to thermal compensation is selectable by NVM bit HTKMAX_EN. This bit enables a
temperature threshold THTmax over which adopted setpoint is forced to 10.6 V. THTmax value is fixed to 176 °C.
In case the NVM bit ANZ_HT_EN = 0x1, F_T LIN flag is set to "1" as soon as the set point currently adopted is
modified by thermal compensation.
Figure 7. Thermal compensation
VBSPLINRG = 16V
VBSPLINRG = 10.6V
Adopted Set point
(VBSPLINRR/ VBSPDEF)
TJ
THT
SHT
V
TjHT THTmax
Tshd
L9918
B+ characteristics
DS13000 - Rev 2
page 16/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com