Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
Figure 5. Set point voltage tolerance versus temperature: example with 14V set point (VBSPLINRG or
VBSPDEF).
14.3
14.25
14.2
14.15
14.1
14.05
14
13.95
13.9
13.85
13.8
13.75
13.7
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120
-40
140 150
130
Setpoint voltage
Temperature
MIN
TYP
MAX
Table 7. Over and under voltage parameters
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VBOV1
Over-voltage function threshold
(U_FELD_AUS)
16.0
16.5
17
V
VBOV2
16.5
17
17.5
V
VBOV3
17
17.5
18
V
VBOV4
17.5
18
18.5
V
VBOVft,1
Bidirectional Over-voltage filter
time (U_FELD_AUS_TIME)
520
µs
VBOVft,2
780
µs
VBOVft,3
1040
µs
VBOVft,4
0
µs
VBOV_safetyL
Over-voltage for safety low
threshold
16.5
17
17.5
V
VBOV_safetyH
Over-voltage for safety high
threshold
17.5
18
18.5
V
TOVflt_safetyL
Over-voltage filter time for safety
low threshold
1
s
TOVflt_safetyH
Over-voltage filter time for safety
high threshold
0.405
0.482
s
VLOW,1
Low-Voltage threshold
(U_FELD_EIN)
8.5
8.75
9
V
VLOW,2
9
9.25
9.5
V
VLOW,3
9.5
9.75
10
V
VLOW,4
9.75
10
10.25
V
VLOW,5
10
10.25
10.5
V
VLOW,6
10.25
10.5
10.75
V
L9918
B+ electrical characteristic
DS13000 - Rev 2
page 14/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com