Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 39Page - STMicroelectronics L9918 Datasheet HTML 40Page - STMicroelectronics L9918 Datasheet HTML 41Page - STMicroelectronics L9918 Datasheet HTML 42Page - STMicroelectronics L9918 Datasheet HTML 43Page - STMicroelectronics L9918 Datasheet HTML 44Page - STMicroelectronics L9918 Datasheet HTML 45Page - STMicroelectronics L9918 Datasheet HTML 46Page - STMicroelectronics L9918 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
BV8
RPM8
TJ8
F_T:
Diagnosis flag for thermal fault, 1 bit
F_M:
Diagnosis flag for mechanical failure, 1 bit
F_E:
Diagnosis flag for electrical failure, 1 bit
DCE5:
Duty cycle value of the excitation PWM, 5 bits Table 50
EXC8:
Measured excitation current, 8 bits Table 53
F_G:
IEXC flag: current limitation flag, 1 bit (enabled by programming)
F_H:
LRC flag: LRC function flag, 1 bit (enabled by programming)
X:
Bit answered as “dominant”, 1 bit
F_L1:
Diagnosis flag for LIN error, 1 bit
F_L0:
Diagnosis flag LIN communication timeout, 1 bit
A8:
Adopted set point, 8bits
BV8:
Battery voltage measure, 8bits
RPM8:
Alternator rotation frequency measure, 8 bits
TJ8:
Junction temperature measure, 8 bits
5.3.7
Measurements filter
5.3.7.1
Excitation duty cycle
Dc on excitation measure available by LIN Tx frames is optionally filtered with respect to actual Dc on excitation
value. Filter parameters are configurable by NVM bit (DFM_FILTER_TP).
5.3.7.2
Iexc measurement filter
Iexc measure available by LIN Tx frames is optionally filtered with respect to actual Iexc value. Filter parameters
are configurable by NVM bits (IFELD_FILTER).
5.3.7.3
B+ measurement filter
B+ voltage measure available by LIN Tx frames is optionally filtered with respect to actual B+ voltage value. Filter
parameters are configurable by NVM bits (BF_FILT/BF_FILT2).
5.3.7.4
Regulation loop parameters
L9918 regulation loop is conceived to be configured to meet the largest application requirements. Active
parameter value (eg. LRC-rise, LRC-cut speed) is selected within pre-fixed set of values. Parameters Sets are
typically stored in NVM.
Default configuration (static configuration) provides a full set of regulation parameters.
LIN Rx frame (dynamic configuration) can modify available set/value only for some of regulation parameters.
5.4
LIN Diagnostic frames
Other than LIN frames listed in the previous paragraphs, L9918 supports further specific frames, implemented for
diagnostic purposes.
Diagnostic frames IDs are defined as listed below:
•
Master diagnostic frames: ID = 0x3C. These frames are sent by LIN master and they does not require
answer from communication slave.
•
Slave response diagnostic frames: ID = 0x3D. These frame are structured similarly to LIN TX frames: LIN
master sends the frame header and the slave is required to answer with data bytes.
Diagnostic frames featured into L9918 are described in the following paragraphs.
L9918
LIN Diagnostic frames
DS13000 - Rev 2
page 43/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com