Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
Following lists reports feature and functions active during the pre-excitation in case VBSPLINRG < VB and in
case VBSPLINRG > VB respectively.
VBSPLINRG < VB+:
•
EXC duty cycle fixed to 25% (except in case current limitation active).
•
LRC function disabled.
•
Phase regulation disabled.
•
Default Excitation current limitation selectable with NVM bit selection (IMAX_VE).
•
Safety function enabled.
To be noted that in this case current limitation threshold can’t be set by LIN communication. It can just be set by
NVM programming.
VBSPLINRG > VB+:
•
EXC duty cycle goes to 100% (except in case current limitation active).
•
LRC function enabled without LRC return (LRC return value=0s);
•
Phase regulation disabled
•
Default Excitation current limitation selectable with NVM bit selection (IMAX_VE)
•
Excitation current limitation by LIN protocol enabled, so LIN protocol can impose a lower current limitation
value.
•
Safety function enabled.
Figure 12 and 13 reports two examples of device behavior when SV_FORD_EN = 1.
It can be noticed that while VBSPLINRG < B+, EXC DC remains steady to 25%. While VBSPLINRG > B+, EXC
duty cycle is affected by LRC and current limitation function. When these functions are not applied, EXC DC goes
to 100%.
Figure 12. Pre-excitation specific mode: example 1
L9918
EXC characteristics
DS13000 - Rev 2
page 28/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com