Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 66Page - STMicroelectronics L9918 Datasheet HTML 67Page - STMicroelectronics L9918 Datasheet HTML 68Page - STMicroelectronics L9918 Datasheet HTML 69Page - STMicroelectronics L9918 Datasheet HTML 70Page - STMicroelectronics L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IFELD_FILTER
3
0x3
Time constant of the EXC current filter measurement
filter time constant tau =
33 ms
0x4
filter time constant tau =
13 ms
0x5
filter time constant tau =
66 ms
0x6
filter time constant tau =
66 ms
0x7
filter time constant tau =
66 ms
IFELD_FILTER_SEL
1
0x0
filter time constant tau =
213 ms
Time constant of the field current filter
0x1
filter time constant tau =
106 ms
MECH_ESAUS_DIS
1
0x0
disable
F_M configuration bit (details on Table 36)
0x1
enable
MASK_FMECH
1
0x0
disable
F_M configuration bit (details on Table 36)
0x1
enable
ANZ_LV_EN
1
0x0
disable
Low voltage flag enable
0x1
enable
ANZ_OV_EN
1
0x0
disable
Overvoltage flag enable
0x1
enable
ANZ_OV_LIM
1
0x0
disable
Overvoltage protection flag enable during phase
regulation (OV_LIM_EN = 0x1 required)
0x1
enable
ANZ_U_LOW1
1
0x0
disable
Enable low voltage flag @EXC_DC = 100% and
phase voltage below KLV_USSW/KLV_NRSW
0x1
enable
ANZ_U_LOW2
1
0x0
disable
Low voltage flag enable at phase frequency < speed
detection threshold (N < Nstart) and phase voltage
below KLV_USSW/KLV_NRSW
0x1
enable
ANZ_FES
1
0x0
disable
Enable low field current flag @EXC_DC > 40% &
IFES < 0.5 A
0x1
enable
ANZ_GMUS_EN
1
0x0
disable
Enable GM F_E mode: B+ < 11.3 V && RPM<LRC
cut off speed)
0x1
enable
KLV_ACWANR_DIS
1
0x0
enable
Enable/disable of PH amplitude check ((max-min)/
2>3V) to perform hot start
0x1
disable
LAMP_FILT
3
0x0
150 ms
F_E flag filter time
0x1
1/4 s
0x2
2/4 s
0x3
3/4 s
0x4
4/4 s
0x5
5/4 s
0x6
6/4 s
0x7
7/4 s
L9918
NVM parameters table
DS13000 - Rev 2
page 70/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com