Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 2 Page - STMicroelectronics

  L9918 Datasheet HTML 1Page - STMicroelectronics L9918 Datasheet HTML 2Page - STMicroelectronics L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
1
Functional description
The device is an alternator voltage regulator suited for 12 V system, able to communicate with ECU through LIN
communication protocol.
The device is housed into an alternator brush holder and it provides current to the excitation coil of the alternator
(rotor) through a high side power MOSFET driver. The device is suitable for alternators with different poles pair
number. An active freewheeling circuit is also integrated into the device.
Target function of the device is to modulate the rotor current in order to keep the voltage on car loads steady to a
target value (set point), whatever the vehicle demand.
The set point target is typically commanded by the ECU and it is achieved using an internal voltage reference. Set
point is communicated along with many others functional parameters during the regular device functioning.
Slew rate control in combination with external filtering of the interface lines helps to realize electromagnetic
compatibility.
Figure 1. Simplified application diagram
C1
C2
Alternator
Regulator
Diodes
Bridge
Rotor
Field
Stator
ECU
Battery
Load
B+
LIN
EXC
PH
GND
1.1
External component required
The capacitors C1 (2.2 μF ceramic suggested) and C2 (220 pF suggested) to suppress radio frequency injection
have to be connected as close as possible between the related pin and GND.
L9918
Functional description
DS13000 - Rev 2
page 2/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com