Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 87 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 83Page - STMicroelectronics L9918 Datasheet HTML 84Page - STMicroelectronics L9918 Datasheet HTML 85Page - STMicroelectronics L9918 Datasheet HTML 86Page - STMicroelectronics L9918 Datasheet HTML 87Page - STMicroelectronics L9918 Datasheet HTML 88Page - STMicroelectronics L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
00000110
0.24
01000110
2.8
10000110
5.36
11000110
7.92
00000111
0.28
01000111
2.84
10000111
5.4
11000111
7.96
00001000
0.32
01001000
2.88
10001000
5.44
11001000
8
00001001
0.36
01001001
2.92
10001001
5.48
11001001
8.04
00001010
0.4
01001010
2.96
10001010
5.52
11001010
8.08
00001011
0.44
01001011
3
10001011
5.56
11001011
8.12
00001100
0.48
01001100
3.04
10001100
5.6
11001100
8.16
00001101
0.52
01001101
3.08
10001101
5.64
11001101
8.2
00001110
0.56
01001110
3.12
10001110
5.68
11001110
8.24
00001111
0.6
01001111
3.16
10001111
5.72
11001111
8.28
00010000
0.64
01010000
3.2
10010000
5.76
11010000
8.32
00010001
0.68
01010001
3.24
10010001
5.8
11010001
8.36
00010010
0.72
01010010
3.28
10010010
5.84
11010010
8.4
00010011
0.76
01010011
3.32
10010011
5.88
11010011
8.44
00010100
0.8
01010100
3.36
10010100
5.92
11010100
8.48
00010101
0.84
01010101
3.4
10010101
5.96
11010101
8.52
00010110
0.88
01010110
3.44
10010110
6
11010110
8.56
00010111
0.92
01010111
3.48
10010111
6.04
11010111
8.6
00011000
0.96
01011000
3.52
10011000
6.08
11011000
8.64
00011001
1
01011001
3.56
10011001
6.12
11011001
8.68
00011010
1.04
01011010
3.6
10011010
6.16
11011010
8.72
00011011
1.08
01011011
3.64
10011011
6.2
11011011
8.76
00011100
1.12
01011100
3.68
10011100
6.24
11011100
8.8
00011101
1.16
01011101
3.72
10011101
6.28
11011101
8.84
00011110
1.2
01011110
3.76
10011110
6.32
11011110
8.88
00011111
1.24
01011111
3.8
10011111
6.36
11011111
8.92
00100000
1.28
01100000
3.84
10100000
6.4
11100000
8.96
00100001
1.32
01100001
3.88
10100001
6.44
11100001
9
00100010
1.36
01100010
3.92
10100010
6.48
11100010
9.04
00100011
1.4
01100011
3.96
10100011
6.52
11100011
9.08
00100100
1.44
01100100
4
10100100
6.56
11100100
9.12
00100101
1.48
01100101
4.04
10100101
6.6
11100101
9.16
00100110
1.52
01100110
4.08
10100110
6.64
11100110
9.2
00100111
1.56
01100111
4.12
10100111
6.68
11100111
9.24
00101000
1.6
01101000
4.16
10101000
6.72
11101000
9.28
00101001
1.64
01101001
4.2
10101001
6.76
11101001
9.32
00101010
1.68
01101010
4.24
10101010
6.8
11101010
9.36
00101011
1.72
01101011
4.28
10101011
6.84
11101011
9.4
00101100
1.76
01101100
4.32
10101100
6.88
11101100
9.44
00101101
1.8
01101101
4.36
10101101
6.92
11101101
9.48
L9918
Excitation current measure
DS13000 - Rev 2
page 87/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com