Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics L9918 Datasheet HTML 34Page - STMicroelectronics L9918 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
5
Communication terminal - LIN pin
The communication interface implemented in L9918 LIN regulator is compliant with the data link layer
specification 1.3, 2.1, 2.2 and 2.2 A. Data exchange via the serial bidirectional bus uses master-slave principle;
engine/energy management unit (ECU) is the master and L9918 is the slave.
Lin Slave implemented in L9918 will be able to communicate with following masters:
•
LIN Master 1.3
•
LIN Master 2.1
•
LIN Master 2.2
•
LIN Master 2.2 A
The regulator is certified to be compliant to:
•
Physical layer compliance with LIN specification 2.2 A. This ensures the possibility for L9918 to
communicate with devices compliant with prior LIN Physical Layer specifications.
•
Data link layer compliance with LIN specification 1.3, 2.1, 2.2 and 2.2 A.
•
Tests defined by LIN Conformance Test Specification Package for LIN 2.2
Hardware Requirements for LIN, CAN and FlexRay Interfaces in Automotive Application – VDA – Revision
1.3 / 2012
Protocol effectively used during the product life is selected by customer by NVM bits (LIN_MODE,
LIN_WAKEUP_PATTERN, LIN21_SOFTID_DIS).
LIN communication addresses two different needs for the device: ECU communication during the product life
into the brush holder and communication with LIN master for NVM bits programming. In this last case the LIN
master is typically represented by a PC and the NVM programming of the device programming registers (listed
into Section A.1 NVM parameters table) is typically done at EOL, one time only.
5.1
LIN Physical layer
Physical layer parameters not listed here are implemented according to the LIN2.1 specification
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VLINRange
Operating voltage range
8
18
V
Rpu
Internal pull-up resistor (LIN slave)
20
40
60
kΩ
CSlave
Parasitic LIN capacitance
100
120
pF
ILIN_lim
Current limitation
Dominant state,
VB+ = 18 V,Parameter tested while
device is transmitting
40
200
mA
ILIN_PAS_dom
Input leakage current
VLIN = 0 V, VB+ = 12 V,Dominant
state, parameter tested while
device is not transmitting
-1
-0.3
mA
ILIN_PAS_rec
Input leakage current
Recessive state,8 V < VLIN < 18 V
8 V < VB+ < 18 V VLIN > VB+
-20
20
μA
ILIN_NO_GND
Input current if GND is lost
GND disconnected;
GND = VB+ = 12 V;
VLIN = 0 .. 18 V
-1
1
mA
ILIN_NO_B+
Input current if B+ is lost
B+ disconnected;
GND = VB+ = 0 V;
VLIN = 0 .. 18 V
100
μA
Vth_dom
Receiver threshold voltage recessive to
dominant state
0.4 * B+
0.45 * B+
0.5 * B+
V
L9918
Communication terminal - LIN pin
DS13000 - Rev 2
page 31/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com