Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 62Page - STMicroelectronics L9918 Datasheet HTML 63Page - STMicroelectronics L9918 Datasheet HTML 64Page - STMicroelectronics L9918 Datasheet HTML 65Page - STMicroelectronics L9918 Datasheet HTML 66Page - STMicroelectronics L9918 Datasheet HTML 67Page - STMicroelectronics L9918 Datasheet HTML 68Page - STMicroelectronics L9918 Datasheet HTML 69Page - STMicroelectronics L9918 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
N_NOTSTART
1
0x0
N_NOTSTART_VAL
Self-start rotation speed threshold
0x1
4000 RPM
N_NOTSTART_VAL
6
Speed mapping rule:
255-code*4 → Alternator
speed measure table (see
Section A.13 Alternator
speed measure).For
example: default code value
= 0xC → 255-code*4 =
207 which correspond to
3000RPM into the “Alternator
speed measure table”.
Default value: 0x0C.
Emergency start speed threshold value
DREHFILT_MODE
1
0x0
enable
Enable/disable PRG_EVENTFILT_2_0 and
PRG_EVENTFILT_5_3
0x1
disable
PRG_EVENTFILT_2_0
3
0x0
1
Filter number phase periods for detection: LRC and
emergency start speed threshold
0x1
3
0x2
5
0x3
7
0x4
9
0x5
11
0x6
13
0x7
15
N0_FILTERTIME_SET
2
0x0
0 ms
Filter time before start speed event removal
(RPM<Nstart)
0x1
50 ms
0x2
100 ms
0x3
300 ms
PRG_EVENTFILT_5_3
3
0x0
0
Number of phase periods for detection before hot
start speed event generation
0x1
1
0x2
2
0x3
3
0x4
4
0x5
5
0x6
6
0x7
7
PHASE_FILT_EN
1
0x0
disable
Enable first order LPF for phase ADC
0x1
enable
KLV_HED_DIS
1
0x0
peak to peak AC threshold
Phase regulation option to set which thresholds are
applied on PH signal - KLV_HED_DIS = 0: high and
low thresholds are considered - KLV_HED_DIS = 1:
high threshold only is considered
0x1
peak only AC threshold
ACADAPMIN_MODE
1
0x0
AC_ADAP_M_BAND value
when normal start,
KLV_AC_ADAP_MIN_NOT
value when emergency
start
Adaptive PH threshold lower saturation value for
normal/self-start
L9918
NVM parameters table
DS13000 - Rev 2
page 66/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com