Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 84Page - STMicroelectronics L9918 Datasheet HTML 85Page - STMicroelectronics L9918 Datasheet HTML 86Page - STMicroelectronics L9918 Datasheet HTML 87Page - STMicroelectronics L9918 Datasheet HTML 88Page - STMicroelectronics L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
00101110
1.84
01101110
4.4
10101110
6.96
11101110
9.52
00101111
1.88
01101111
4.44
10101111
7
11101111
9.56
00110000
1.92
01110000
4.48
10110000
7.04
11110000
9.6
00110001
1.96
01110001
4.52
10110001
7.08
11110001
9.64
00110010
2
01110010
4.56
10110010
7.12
11110010
9.68
00110011
2.04
01110011
4.6
10110011
7.16
11110011
9.72
00110100
2.08
01110100
4.64
10110100
7.2
11110100
9.76
00110101
2.12
01110101
4.68
10110101
7.24
11110101
9.8
00110110
2.16
01110110
4.72
10110110
7.28
11110110
9.84
00110111
2.2
01110111
4.76
10110111
7.32
11110111
9.88
00111000
2.24
01111000
4.8
10111000
7.36
11111000
9.92
00111001
2.28
01111001
4.84
10111001
7.4
11111001
9.96
00111010
2.32
01111010
4.88
10111010
7.44
11111010
10
00111011
2.36
01111011
4.92
10111011
7.48
11111011
10.04
00111100
2.4
01111100
4.96
10111100
7.52
11111100
10.08
00111101
2.44
01111101
5
10111101
7.56
11111101
10.12
00111110
2.48
01111110
5.04
10111110
7.6
11111110
10.16
00111111
2.52
01111111
5.08
10111111
7.64
11111111
10.2
A.10
Battery voltage measure
Table 56. BV8 – Battery Voltage 8 bit reference version A and B
Code
BV (V)
Code
BV (V)
Code
BV (V)
Code
BV (V)
00000000
≤8
01000000
14.4
10000000
20.8
11000000
-
00000001
8.1
01000001
14.5
10000001
20.9
11000001
-
00000010
8.2
01000010
14.6
10000010
21
11000010
-
00000011
8.3
01000011
14.7
10000011
21.1
11000011
-
00000100
8.4
01000100
14.8
10000100
21.2
11000100
-
00000101
8.5
01000101
14.9
10000101
21.3
11000101
-
00000110
8.6
01000110
15
10000110
21.4
11000110
-
00000111
8.7
01000111
15.1
10000111
21.5
11000111
-
00001000
8.8
01001000
15.2
10001000
21.6
11001000
-
00001001
8.9
01001001
15.3
10001001
21.7
11001001
-
00001010
9
01001010
15.4
10001010
21.8
11001010
-
00001011
9.1
01001011
15.5
10001011
21.9
11001011
-
00001100
9.2
01001100
15.6
10001100
22
11001100
-
00001101
9.3
01001101
15.7
10001101
22.1
11001101
-
00001110
9.4
01001110
15.8
10001110
22.2
11001110
-
00001111
9.5
01001111
15.9
10001111
22.3
11001111
-
00010000
9.6
01010000
16
10010000
22.4
11010000
-
L9918
Battery voltage measure
DS13000 - Rev 2
page 88/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com