Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 86Page - STMicroelectronics L9918 Datasheet HTML 87Page - STMicroelectronics L9918 Datasheet HTML 88Page - STMicroelectronics L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 109 page
background image
Code
BV (V)
Code
BV (V)
Code
BV (V)
Code
BV (V)
00111010
13.8
01111010
20.2
10111010
-
11111010
-
00111011
13.9
01111011
20.3
10111011
-
11111011
-
00111100
14
01111100
20.4
10111100
-
11111100
-
00111101
14.1
01111101
20.5
10111101
-
11111101
-
00111110
14.2
01111110
20.6
10111110
-
11111110
-
00111111
14.3
01111111
20.7
10111111
-
11111111
-
Table 57. BV8C – Battery Voltage 8 bit reference version C
Code
BV (V)
Code
BV (V)
Code
BV (V)
Code
BV (V)
00000000
9.00
01000000
12.20
10000000
15.40
11000000
18.00
00000001
9.05
01000001
12.25
10000001
15.45
11000001
18.00
00000010
9.10
01000010
12.30
10000010
15.50
11000010
18.00
00000011
9.15
01000011
12.35
10000011
15.55
11000011
18.00
00000100
9.20
01000100
12.40
10000100
15.60
11000100
18.00
00000101
9.25
01000101
12.45
10000101
15.65
11000101
18.00
00000110
9.30
01000110
12.50
10000110
15.70
11000110
18.00
00000111
9.35
01000111
12.55
10000111
15.75
11000111
18.00
00001000
9.40
01001000
12.60
10001000
15.80
11001000
18.00
00001001
9.45
01001001
12.65
10001001
15.85
11001001
18.00
00001010
9.50
01001010
12.70
10001010
15.90
11001010
18.00
00001011
9.55
01001011
12.75
10001011
15.95
11001011
18.00
00001100
9.60
01001100
12.80
10001100
16.00
11001100
18.00
00001101
9.65
01001101
12.85
10001101
16.05
11001101
18.00
00001110
9.70
01001110
12.90
10001110
16.10
11001110
18.00
00001111
9.75
01001111
12.95
10001111
16.15
11001111
18.00
00010000
9.80
01010000
13.00
10010000
16.20
11010000
18.00
00010001
9.85
01010001
13.05
10010001
16.25
11010001
18.00
00010010
9.90
01010010
13.10
10010010
16.30
11010010
18.00
00010011
9.95
01010011
13.15
10010011
16.35
11010011
18.00
00010100
10.00
01010100
13.20
10010100
16.40
11010100
18.00
00010101
10.05
01010101
13.25
10010101
16.45
11010101
18.00
00010110
10.10
01010110
13.30
10010110
16.50
11010110
18.00
00010111
10.15
01010111
13.35
10010111
16.55
11010111
18.00
00011000
10.20
01011000
13.40
10011000
16.60
11011000
18.00
00011001
10.25
01011001
13.45
10011001
16.65
11011001
18.00
00011010
10.30
01011010
13.50
10011010
16.70
11011010
18.00
00011011
10.35
01011011
13.55
10011011
16.75
11011011
18.00
00011100
10.40
01011100
13.60
10011100
16.80
11011100
18.00
00011101
10.45
01011101
13.65
10011101
16.85
11011101
18.00
00011110
10.50
01011110
13.70
10011110
16.90
11011110
18.00
L9918
Battery voltage measure
DS13000 - Rev 2
page 90/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com