Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 45Page - STMicroelectronics L9918 Datasheet HTML 46Page - STMicroelectronics L9918 Datasheet HTML 47Page - STMicroelectronics L9918 Datasheet HTML 48Page - STMicroelectronics L9918 Datasheet HTML 49Page - STMicroelectronics L9918 Datasheet HTML 50Page - STMicroelectronics L9918 Datasheet HTML 51Page - STMicroelectronics L9918 Datasheet HTML 52Page - STMicroelectronics L9918 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
Appendix A
A.1
NVM parameters table
Table 39. Default mode configuration table
Default values are reported in bold.
NVM register name
Definition
Notes
Description
#Bits Code
HER_ID
3
0x0
Bosch
alternator supplier ID (“AltS” into LIN frames tables)
0x1
Valeo
0x2
Delphi
0x3
Hitachi
0x4
Denso
0x5
Melco
0x6
Visteon
0x7
Others (JHEECO)
GEN_ID
5
alternator ID (“AltL” into LIN frames tables)
LIN_MODE
1
0x0
LIN1.3
LIN protocol variant (2.x means 2.1, 2.2 and 2.2 A
protocol versions)
0x1
LIN2.x
LIN_WAKEUP_PATTERN
1
0x0
LIN2.2A
LIN wake up event selection
0x1
Others LIN protocol versions
LIN21_SOFTID_DIS
1
0x0
enabled
Frame ID service enabled for versions newer than
1.3
0x1
disabled
LIN_NAD
8
LIN NAD
LIN_CFG
4
0x0
A, LIN1
LIN frame configuration
0x1
A, LIN2
0x2
A, LIN3
0x3
A, LIN4
0x4
B, LIN1
0x5
B, LIN2
0x6
B, LIN3
0x7
B, LIN4
0x8
C, LIN1
0x9
D, LIN1 (with Iexc)
0xA
D, LIN2 (with Iexc)
0xB
D, LIN1 (with T °C)
0xC
D, LIN2 (with T °C)
0xD
E, LIN1
0xE
F, LIN1
0xF
reserved
L9918
DS13000 - Rev 2
page 49/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com