Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics L9918 Datasheet HTML 62Page - STMicroelectronics L9918 Datasheet HTML 63Page - STMicroelectronics L9918 Datasheet HTML 64Page - STMicroelectronics L9918 Datasheet HTML 65Page - STMicroelectronics L9918 Datasheet HTML 66Page - STMicroelectronics L9918 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IE_P_ANT_PRE
(continued)
7
0x63
Proportional part of current limitation regulation
control loop in pre-excitation
(continued)
32 mA
0x64 32 mA
0x65 31 mA
0x66 31 mA
0x67 31 mA
0x68 31 mA
0x69 30 mA
0x6A 30 mA
0x6B 30 mA
IE_P_ANT_PRE
(continued)
7
0x6C 29 mA
Proportional part of current limitation regulation
control loop in pre-excitation
(continued)
0x6D 29 mA
0x6E 29 mA
0x6F 29 mA
0x70 28 mA
0x71 28 mA
0x72 28 mA
0x73 28 mA
0x74 27 mA
0x75 27 mA
0x76 27 mA
0x77 27 mA
0x78 26 mA
0x79 26 mA
0x7A 26 mA
0x7B 26 mA
0x7C 26 mA
0x7D 25 mA
0x7E 25 mA
0x7F 25 mA
LRD_DEF
3
0x0
1s
Default load response control (LRC) rise time
0x1
2s
0x2
3s
0x3
4s
0x4
5s
0x5
6s
0x6
7s
0x7
8s
LRDN_DEF
2
0x0
3000 RPM
Default load response control (LRC) cut-off speed
0x1
4000 RPM
0x2
4800 RPM
L9918
NVM parameters table
DS13000 - Rev 2
page 63/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com