Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics L9918 Datasheet HTML 62Page - STMicroelectronics L9918 Datasheet HTML 63Page - STMicroelectronics L9918 Datasheet HTML 64Page - STMicroelectronics L9918 Datasheet HTML 65Page - STMicroelectronics L9918 Datasheet HTML 66Page - STMicroelectronics L9918 Datasheet HTML 67Page - STMicroelectronics L9918 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
LRDN_DEF
2
0x3
Default load response control (LRC) cut-off speed
6000 RPM
LR_TV_INTEGTIME
3
0x0
0.4s
negative load response control (LRC) gradient
0x1
0.8s
0x2
1.2s
0x3
1.6s
0x4
2.0s
0x5
2.5s
0x6
3.0s
0x7
3.2s
TV_SPRUNG_EN
1
0x0
disable
Enable/disable blind zone selecting via LIN
0x1
enable
TVSTART25_EN
1
0x0
according to blind zone
setting
Constant start duty cycle of 25% in case of LRC
activation when device passes from pre-exctitation
state to regulation state
0x1
DC = 25.0%
TV_SPRUNG
5
0x00 TV = 0.0%
Default load response control (LRC) blind zone
0x01 TV = 0.8%
0x02 TV = 1.6%
0x03 TV = 2.4%
0x04 TV = 3.2%
0x05 TV = 4.0%
0x06 TV = 4.8%
0x07 TV = 5.6%
0x08 TV = 6.4%
0x09 TV = 7.2%
0x0A TV = 8.0%
0x0B TV = 8.8%
0x0C TV = 9.6%
0x0D TV = 10.4%
0x0E TV = 11.2%
0x0F TV = 12.0%
0x10 TV = 12.8%
0x11 TV = 13.6%
0x12 TV = 14.4%
0x13 TV = 15.2%
0x14 TV = 16.0%
0x15 TV = 16.8%
0x16 TV = 17.6%
0x17 TV = 18.4%
0x18 TV = 19.2%
0x19 TV = 20.0%
L9918
NVM parameters table
DS13000 - Rev 2
page 64/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com