Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 41Page - STMicroelectronics L9918 Datasheet HTML 42Page - STMicroelectronics L9918 Datasheet HTML 43Page - STMicroelectronics L9918 Datasheet HTML 44Page - STMicroelectronics L9918 Datasheet HTML 45Page - STMicroelectronics L9918 Datasheet HTML 46Page - STMicroelectronics L9918 Datasheet HTML 47Page - STMicroelectronics L9918 Datasheet HTML 48Page - STMicroelectronics L9918 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
Please note that the provided new PIDs shall be compliant with parity calculation rule stated by LIN DLL
standards.
A response shall only be sent if the NAD matches. If successful, L9918 sends below Slave response frame (ID =
0x3D):
Table 35. Response frame
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
NAD
0x01
0xF7
0xFF
0xFF
0xFF
0xFF
0xFF
Notes:
•
The assign frame ID range service is only supported in LIN DLL versions newer than 2.1. Users should
configure the Assign Frame ID feature with LIN21_SOFTID_DIS.
•
New PIDs assigned can’t be stored into NVM. They will be lost after POR (i.e. new wakeup) event.
5.5
LIN Fault detection
5.5.1
Mechanical fault (F_M)
When regulator is in pre-excitation mode F_M flag is set to ‘1’. F_M fault is configured by MECH_ESAUS_DIS
and MASK_FMECH NVM bits.
Table 36. F_M configuration
MECH_ESAUS_DIS
MASK_FMECH
Mechanical fault behavior
0
0
F_M = 1
0
1
F_M is set to 1 just in case VBSPLINRG > VB+ and VBSPLINRG ≠10.6 V
1
0
F_M is set to 1 just in case VBSPLINRG ≠ 10.6 V
1
1
F_M is set to 1 just in case VBSPLINRG>VB+ and VBSPLINRG ≠10.6 V
5.5.2
Electrical fault (F_E)
F_E fault signal passes through a digital filter TflagOn. This deglitch time can be selected by LAMP_FILT NVM
bits. It has been introduced in order to avoid false indication problems.
Table below lists the possible cases leading to a F_E flag and the correspondent NVM programming.
Table 37. Electrical fault cases
Case
Required NVM programming
Notes
Duty commanded to 0% and VEXC>Vfondet
-
Short-to-battery
PH voltage below KLV_USSW/KLV_NRSW
EXC DC = 100%
ANZ_U_LOW1
PH voltage below KLV_USSW/KLV_NRSW
N < Nstart
ANZ_U_LOW2
EXC current below 500 mA - EXC_DC > 40%
ANZ_FES
Open load
B+ above VB+_LIM
ANZ_OV_LIM
Overvoltage
B+ above U_FELD_AUS
ANZ_OV_EN
Overvoltage
B+ below 11.3 V
N > LRC-cut speed
ANZ_GMUS_EN
L9918
LIN Fault detection
DS13000 - Rev 2
page 45/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com