Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
1001
0.36
1001001
2.92
10001001
5.48
11001001
8
1010
0.4
1001010
2.96
10001010
5.52
11001010
8
1011
0.44
1001011
3
10001011
5.56
11001011
8
1100
0.48
1001100
3.04
10001100
5.6
11001100
8
1101
0.52
1001101
3.08
10001101
5.64
11001101
8
1110
0.56
1001110
3.12
10001110
5.68
11001110
8
1111
0.6
1001111
3.16
10001111
5.72
11001111
8
10000
0.64
1010000
3.2
10010000
5.76
11010000
8
10001
0.68
1010001
3.24
10010001
5.8
11010001
8
10010
0.72
1010010
3.28
10010010
5.84
11010010
8
10011
0.76
1010011
3.32
10010011
5.88
11010011
8
10100
0.8
1010100
3.36
10010100
5.92
11010100
8
10101
0.84
1010101
3.4
10010101
5.96
11010101
8
10110
0.88
1010110
3.44
10010110
6
11010110
8
10111
0.92
1010111
3.48
10010111
6.04
11010111
8
11000
0.96
1011000
3.52
10011000
6.08
11011000
8
11001
1
1011001
3.56
10011001
6.12
11011001
8
11010
1.04
1011010
3.6
10011010
6.16
11011010
8
11011
1.08
1011011
3.64
10011011
6.2
11011011
8
11100
1.12
1011100
3.68
10011100
6.24
11011100
8
11101
1.16
1011101
3.72
10011101
6.28
11011101
8
11110
1.2
1011110
3.76
10011110
6.32
11011110
8
11111
1.24
1011111
3.8
10011111
6.36
11011111
8
100000
1.28
1100000
3.84
10100000
6.4
11100000
8
100001
1.32
1100001
3.88
10100001
6.44
11100001
8
100010
1.36
1100010
3.92
10100010
6.48
11100010
8
100011
1.4
1100011
3.96
10100011
6.52
11100011
8
100100
1.44
1100100
4
10100100
6.56
11100100
8
100101
1.48
1100101
4.04
10100101
6.6
11100101
8
100110
1.52
1100110
4.08
10100110
6.64
11100110
8
100111
1.56
1100111
4.12
10100111
6.68
11100111
8
101000
1.6
1101000
4.16
10101000
6.72
11101000
8
101001
1.64
1101001
4.2
10101001
6.76
11101001
8
101010
1.68
1101010
4.24
10101010
6.8
11101010
8
101011
1.72
1101011
4.28
10101011
6.84
11101011
8
101100
1.76
1101100
4.32
10101100
6.88
11101100
8
101101
1.8
1101101
4.36
10101101
6.92
11101101
8
101110
1.84
1101110
4.4
10101110
6.96
11101110
8
101111
1.88
1101111
4.44
10101111
7
11101111
8
110000
1.92
1110000
4.48
10110000
7.04
11110000
8
110001
1.96
1110001
4.52
10110001
7.08
11110001
8
L9918
Excitation current limitation
DS13000 - Rev 2
page 77/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com