Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 42Page - STMicroelectronics L9918 Datasheet HTML 43Page - STMicroelectronics L9918 Datasheet HTML 44Page - STMicroelectronics L9918 Datasheet HTML 45Page - STMicroelectronics L9918 Datasheet HTML 46Page - STMicroelectronics L9918 Datasheet HTML 47Page - STMicroelectronics L9918 Datasheet HTML 48Page - STMicroelectronics L9918 Datasheet HTML 49Page - STMicroelectronics L9918 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
Case
Required NVM programming
Notes
Battery under voltage (U_FELD_EIN threshold)
ANZ_LV_EN
Undervoltage
Overcurrent detected (EXC current > IFOCP)
OVC_FLAG_EN
Short-to-GND
5.5.3
Thermal fault (F_T)
A thermal fault is flagged when thermal compensation starts to operate (see Section 2.2.3 ).
5.5.4
LIN Timeout flag (F_L0)
Time between two consecutive valid messages must be faster than tLIN_COM. If this time is elapsed, the TO flag is
raised.
5.5.5
LIN Communication fault flags (F_L1, F_LB, F_LP, F_LC, F_LE)
Some LIN configurations provide error flags by which the LIN communication integrity can be checked. In some
configuration all LIN error flags are aggregated into one flag only (F_L1) while in other configurations it is possible
to check separately various requirements of the LIN communication (F_LB, F_LP, F_LC, F_LE).
LIN communication error flag
•
F_LC: Checksum error detected: A checksum error is detected
•
F_LP: ID parity error detected: The parity field (P0 and P1) of a known identifier is wrong
•
F_LB: Inconsistent Break Field Error: Edges of the BREAK (or SYNCH-BREAK) field are detected outside
the given tolerances
•
Stop bit detected: LIN bus line is dominant while stop bit
•
“Bit error” detected: The received bit is different from the bit sent
All these faults are aggregated into F_L1 flag. F_L1 flag rises at the occurrence of any of the listed cases.
5.5.6
LRC flag (F_H)
The LRC flag is set to 1 when LRC is active. This feature is enabled by programming LRC_IEXC_FLAG_EN NVM
bit.
5.5.7
Excitation current limitation flag (F_G)
Excitation current limitation flag is flagged as soon as the current limitation is activated.
Excitation current limitation flag is set to ‘1’ even if a “No limitation command is sent by LIN”
This flag has to be enabled by NVM bit LRC_IEXC_FLAG_EN.
Please note that Excitation current limitation flag is exclusively related to current limitation threshold commanded
by LIN. It is not applied to the default threshold programmed into the NVM.
In other words, in case EXC current is limited to the threshold provided by LIN communication, the flag is set high.
In case EXC current is limited to the default value given by IFELD_MAXB and I_MAX NVM registers, I_EXC flag
remains low.
L9918
LIN Fault detection
DS13000 - Rev 2
page 46/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com