Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 64Page - STMicroelectronics L9918 Datasheet HTML 65Page - STMicroelectronics L9918 Datasheet HTML 66Page - STMicroelectronics L9918 Datasheet HTML 67Page - STMicroelectronics L9918 Datasheet HTML 68Page - STMicroelectronics L9918 Datasheet HTML 69Page - STMicroelectronics L9918 Datasheet HTML 70Page - STMicroelectronics L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
KLV_AC_ADAP_MIN_N
OT
3
0x2
Lower saturation value for PH adaptive
thresholdUsage of this parameter depends on
ACADAPMIN_MODE
0.4 V
0x3
0.5 V
0x4
0.6 V
0x5
0.7 V
0x6
0.8 V
0x7
0.9 V
KLV_USSW
4
0x0
6.0 V
High threshold for the phase regulation adopted
while device is into Wake Up state.
0x1
6.2 V
0x2
6.4 V
0x3
6.6 V
0x4
6.8 V
0x5
7.0 V
0x6
7.2 V
0x7
7.4 V
0x8
7.6 V
0x9
7.8 V
0xA
8.0 V
0xB
8.2 V
0xC
8.4 V
0xD
8.6 V
0xE
8.8 V
0xF
9.0 V
KLV_LOWSW
1
0x0
1.8 V
Low phase regulation threshold
0x1
2.0 V
OV_LIM_EN
1
0x0
disable
Enables EXC shut down in case B+> VB+_lim
0x1
enable
LD_NR_DIS
1
0x0
phase regulation active
Disabling of OV (B+>U_FELD_AUS) function when
device is in phase regulation
0x1
phase regulation off
DC_PHREG
2
0x0
DC calculated by voltage
regulation loop
Setting of the DC value answered by LIN during
phase regulation.
0x1
25% (Pre-exc DC)
0x2
0%
0x3
Phase regulation DC (real
DC on EXC)
PWM_NRMAX
3
0x0
TV = 5.5%
EXC duty cycle limitation at B+ > B+_lim during
phase regulation
0x1
TV = 12.0%
0x2
TV = 18.0%
0x3
TV = 24.0%
0x4
TV = 31.0%
0x5
TV = 37.0%
L9918
NVM parameters table
DS13000 - Rev 2
page 68/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com