Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics L9918 Datasheet HTML 97Page - STMicroelectronics L9918 Datasheet HTML 98Page - STMicroelectronics L9918 Datasheet HTML 99Page - STMicroelectronics L9918 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 109 page
background image
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
00001010
11.6
01001010
10001010
11001010
00001011
11.7
01001011
10001011
11001011
00001100
11.8
01001100
10001100
11001100
00001101
11.9
01001101
10001101
11001101
00001110
12
01001110
10001110
11001110
00001111
12.1
01001111
10001111
11001111
00010000
12.2
01010000
10010000
11010000
00010001
12.3
01010001
10010001
11010001
00010010
12.4
01010010
10010010
11010010
00010011
12.5
01010011
10010011
11010011
00010100
12.6
01010100
10010100
11010100
00010101
12.7
01010101
10010101
11010101
00010110
12.8
01010110
10010110
11010110
00010111
12.9
01010111
10010111
11010111
00011000
13
01011000
10011000
11011000
00011001
13.1
01011001
10011001
11011001
00011010
13.2
01011010
10011010
11011010
00011011
13.3
01011011
10011011
11011011
00011100
13.4
01011100
10011100
11011100
00011101
13.5
01011101
10011101
11011101
00011110
13.6
01011110
10011110
11011110
00011111
13.7
01011111
10011111
11011111
00100000
13.8
01100000
10100000
11100000
00100001
13.9
01100001
10100001
11100001
00100010
14
01100010
10100010
11100010
00100011
14.1
01100011
10100011
11100011
00100100
14.2
01100100
10100100
11100100
00100101
14.3
01100101
10100101
11100101
00100110
14.4
01100110
10100110
11100110
00100111
14.5
01100111
10100111
11100111
00101000
14.6
01101000
10101000
11101000
00101001
14.7
01101001
10101001
11101001
00101010
14.8
01101010
10101010
11101010
00101011
14.9
01101011
10101011
11101011
00101100
15
01101100
10101100
11101100
00101101
15.1
01101101
10101101
11101101
00101110
15.2
01101110
10101110
11101110
00101111
15.3
01101111
10101111
11101111
00110000
15.4
01110000
10110000
11110000
00110001
15.5
01110001
10110001
11110001
00110010
15.6
01110010
10110010
11110010
L9918
Set point voltage
DS13000 - Rev 2
page 96/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com