Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
1.4.6
Voltage divider & ΣΔ modulator for overvoltage/undervoltage
The stage has a resistive divider connected to battery (different and independent of the previous stage) and
provides the correct signal voltage range to the internal data converter. The stage feeds into the digital block a
bit-stream converted in a digital code with a proper low pass filter. The code is managed in the digital block to
implement the overvoltage and under-voltage detections.
1.4.7
Thermal sensor
Thermal sensor provides to the digital block the device temperature. The block embeds a thermal sensor and a
sigma-delta converter whose bit-stream is converted in a digital code.
1.4.8
Oscillator
The block provides the clock reference for the digital function and the Charge Pump block. The frequency value is
16MHz ± 5%.
1.4.9
Excitation driver
The block embeds a power N-channel MOS inserted between B+ and EXC pins and a circuitry that is able to
drive it. A freewheeling circuit is inserted between EXC and GND pins, located across the excitation coil for
energy recirculation purpose. The protection against short circuit on EXC pin is also implemented. If a short circuit
is detected the excitation current is turned off and the subsequent turn-on attempt is retried at every excitation
period.
A current measurement block provides the excitation current value flowing in the high-side power MOS. In order
to reach the requested accuracy, a dedicated thermal sensor is located close to the current measurement block.
Power MOS temperature is used to calibrate the current measure.
1.4.10
Safety switch OFF
Safety Switch OFF is a separate block featured for safety reason. It must switch the field driver power MOS gate
off when a battery overvoltage condition is detected.
1.4.11
Charge pump
Charge pump is mandatory to supply correctly the excitation power MOS gate.
1.4.12
Non volatile memory (NVM)
The NVM allows to set all configurable device parameters. Please refer to default mode parameter table (see
Section A.1 ).
1.4.13
Digital block
All device functions are managed by the digital block. The state diagram is shown in the next chapter.
1.5
State diagram
The following figure describes L9918 state machine.
L9918
State diagram
DS13000 - Rev 2
page 7/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com