Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics L9918 Datasheet HTML 97Page - STMicroelectronics L9918 Datasheet HTML 98Page - STMicroelectronics L9918 Datasheet HTML 99Page - STMicroelectronics L9918 Datasheet HTML 100Page - STMicroelectronics L9918 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
00110011
15.7
01110011
10110011
11110011
00110100
15.8
01110100
10110100
11110100
00110101
15.9
01110101
10110101
11110101
00110110
16
01110110
10110110
11110110
00110111
16
01110111
10110111
11110111
00111000
16
01111000
10111000
11111000
00111001
16
01111001
10111001
11111001
00111010
16
01111010
10111010
11111010
00111011
16
01111011
10111011
11111011
00111100
16
01111100
10111100
11111100
00111101
16
01111101
10111101
11111101
00111110
16
01111110
10111110
11111110
00111111
16
01111111
10111111
11111111
Table 62. VSPFBK8B – Vsetpoint feedback 8 bit reference version B
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
00000000
10.6
01000000
12.2
10000000
13.8
11000000
15.4
00000001
10.625
01000001
12.225
10000001
13.825
11000001
15.425
00000010
10.65
01000010
12.25
10000010
13.85
11000010
15.45
00000011
10.675
01000011
12.275
10000011
13.875
11000011
15.475
00000100
10.7
01000100
12.3
10000100
13.9
11000100
15.5
00000101
10.725
01000101
12.325
10000101
13.925
11000101
15.525
00000110
10.75
01000110
12.35
10000110
13.95
11000110
15.55
00000111
10.775
01000111
12.375
10000111
13.975
11000111
15.575
00001000
10.8
01001000
12.4
10001000
14
11001000
15.6
00001001
10.825
01001001
12.425
10001001
14.025
11001001
15.625
00001010
10.85
01001010
12.45
10001010
14.05
11001010
15.65
00001011
10.875
01001011
12.475
10001011
14.075
11001011
15.675
00001100
10.9
01001100
12.5
10001100
14.1
11001100
15.7
00001101
10.925
01001101
12.525
10001101
14.125
11001101
15.725
00001110
10.95
01001110
12.55
10001110
14.15
11001110
15.75
00001111
10.975
01001111
12.575
10001111
14.175
11001111
15.775
00010000
11
01010000
12.6
10010000
14.2
11010000
15.8
00010001
11.025
01010001
12.625
10010001
14.225
11010001
15.825
00010010
11.05
01010010
12.65
10010010
14.25
11010010
15.85
00010011
11.075
01010011
12.675
10010011
14.275
11010011
15.875
00010100
11.1
01010100
12.7
10010100
14.3
11010100
15.9
00010101
11.125
01010101
12.725
10010101
14.325
11010101
15.925
00010110
11.15
01010110
12.75
10010110
14.35
11010110
15.95
00010111
11.175
01010111
12.775
10010111
14.375
11010111
15.975
L9918
Set point voltage
DS13000 - Rev 2
page 97/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com