Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics L9918 Datasheet HTML 34Page - STMicroelectronics L9918 Datasheet HTML 35Page - STMicroelectronics L9918 Datasheet HTML 36Page - STMicroelectronics L9918 Datasheet HTML 37Page - STMicroelectronics L9918 Datasheet HTML 38Page - STMicroelectronics L9918 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
Version
LIN CFG ID
Frame Type/#Bytes
Identifier Hex
Version F
LIN
Rx_F (4 bytes)
29
Tx_1F (2 bytes)
12
Tx_2F (8 bytes)
15
5.3.1
Message frame for configuration version-A
Next paragraphs provide a description of RX and TX frames available for each selectable LIN configuration.
Indexes reported into the tables are referred to the lists reported into the appendix of this document. These lists
provide a full view of all the values which can be sent or received by LIN communication.
For example: suppose in RX frame table the Setpoint (VBSPLINRG) is marked with “A6” signature. This means
that the complete list of all the selectable values is reported into “A6” table of the “Set point tables” appendix (see
Section A.2 ).
5.3.1.1
Rx Frame version-A
Table 12. Identifiers: 0x29 (LIN1), 0x2A (LIN2, LIN4), 0x20 (LIN3)
Byte 0
Byte 1
Byte 2
Byte 3
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
A6
X
X
B1
C1
D5
X
X
X
R
F
A6:
Setpoint (VBSPLINRG), 6 bits
X:
Don’t care bits, 2bits
B1:
LRC-Rise, 4 bits
C1:
LRC-Cut, 4 bits
D5:
Excitation Current Limitation, 5 bits
R:
Output selection for TxFrame_3/Byte 3, 3 bits
001: VBSPLINRG - Setpoint
010: VB+ - Voltage on B+
011: Tjunction - Junction Temperature
100: Alt. Rotation Speed - Rotation Speed
000/111: RX byte3 invalid
RX:
byte3 invalid means BZ, F and BI/BZ bits ignored
BZ:
LRC blind zone (feature enabled by TV_SPRUNG_EN NVM register), 1 bit
F:
Setpoint limitation threshold for high temperature (delta), 3 bits
WB:
Value of this bit changes the proportional constant of the regulation loop (which can be switched between P_ANT
and P_ANT2). 1 bit (activity selectable by customer configuration).
5.3.1.2
Tx Frame 1 version-A
Table 13. Identifiers: 0x11 (LIN1), 0x13 (LIN2, LIN4), 0x15 (LIN3)
Byte 0
Byte 1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
DCE5
EXC6
L9918
LIN Frames
DS13000 - Rev 2
page 35/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com