Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics L9918 Datasheet HTML 82Page - STMicroelectronics L9918 Datasheet HTML 83Page - STMicroelectronics L9918 Datasheet HTML 84Page - STMicroelectronics L9918 Datasheet HTML 85Page - STMicroelectronics L9918 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
Code
Duty Cycle (%)
Code
Duty Cycle (%)
Code
Duty Cycle (%)
Code
Duty Cycle (%)
00011111
12.50
01011111
37.50
10011111
62.50
11100011
87.50
00100000
12.89
01100000
37.89
10100000
62.89
11100100
87.89
00100001
13.28
01100001
38.28
10100001
63.28
11100101
88.28
00100010
13.67
01100010
38.67
10100010
63.67
11100110
88.67
00100011
14.06
01100011
39.06
10100011
64.06
11100111
89.06
00100100
14.45
01100100
39.45
10100100
64.45
11100100
89.45
00100101
14.84
01100101
39.84
10100101
64.84
11100101
89.84
00100110
15.23
01100110
40.23
10100110
65.23
11100110
90.23
00100111
15.63
01100111
40.63
10100111
65.63
11100111
90.63
00101000
16.02
01101000
41.02
10101000
66.02
11101000
91.02
00101001
16.41
01101001
41.41
10101001
66.41
11101001
91.41
00101010
16.80
01101010
41.80
10101010
66.80
11101010
91.80
00101011
17.19
01101011
42.19
10101011
67.19
11101011
92.19
00101100
17.58
01101100
42.58
10101100
67.58
11101100
92.58
00101101
17.97
01101101
42.97
10101101
67.97
11101101
92.97
00101110
18.36
01101110
43.36
10101110
68.36
11101110
93.36
00101111
18.75
01101111
43.75
10101111
68.75
11101111
93.75
00110000
19.14
01110000
44.14
10110000
69.14
11110000
94.14
00110001
19.53
01110001
44.53
10110001
69.53
11110001
94.53
00110010
19.92
01110010
44.92
10110010
69.92
11110010
94.92
00110011
20.31
01110011
45.31
10110011
70.31
11110011
95.31
00110100
20.70
01110100
45.70
10110100
70.70
11110100
95.70
00110101
21.09
01110101
46.09
10110101
71.09
11110101
96.09
00110110
21.48
01110110
46.48
10110110
71.48
11110110
96.48
00110111
21.88
01110111
46.88
10110111
71.88
11110111
96.88
00111000
22.27
01111000
47.27
10111000
72.27
11111000
97.27
00111001
22.66
01111001
47.66
10111001
72.66
11111001
97.66
00111010
23.05
01111010
48.05
10111010
73.05
11111010
98.05
00111011
23.44
01111011
48.44
10111011
73.44
11111011
98.44
00111100
23.83
01111100
48.83
10111100
73.83
11111100
98.83
00111101
24.22
01111101
49.22
10111101
74.22
11111101
99.22
00111110
24.61
01111110
49.61
10111110
74.61
11111110
99.61
00111111
25.00
01111111
50.00
10111111
75.00
11111111
100.00
A.9
Excitation current measure
Table 52. EXC6 - Excitation current measure 6 bit reference, Version A and D (with Iexc)
Code
Exc Curr. Measure
(A)
Code
Exc Curr. Measure
(A)
Code
Exc Curr. Measure
(A)
Code
Exc Curr. Measure
(A)
000000
0
010000
2
100000
4
110000
6
000001
0.125
010001
2.125
100001
4.125
110001
6.125
L9918
Excitation current measure
DS13000 - Rev 2
page 82/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com