Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics L9918 Datasheet HTML 82Page - STMicroelectronics L9918 Datasheet HTML 83Page - STMicroelectronics L9918 Datasheet HTML 84Page - STMicroelectronics L9918 Datasheet HTML 85Page - STMicroelectronics L9918 Datasheet HTML 86Page - STMicroelectronics L9918 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
Code
Exc Curr. Measure
(A)
Code
Exc Curr. Measure
(A)
Code
Exc Curr. Measure
(A)
Code
Exc Curr. Measure
(A)
000010
0.25
010010
2.25
100010
4.25
110010
6.25
000011
0.375
010011
2.375
100011
4.375
110011
6.375
000100
0.5
010100
2.5
100100
4.5
110100
6.5
000101
0.625
010101
2.625
100101
4.625
110101
6.625
000110
0.75
010110
2.75
100110
4.75
110110
6.75
000111
0.875
010111
2.875
100111
4.875
110111
6.875
001000
1
011000
3
101000
5
111000
7
001001
1.125
011001
3.125
101001
5.125
111001
7.125
001010
1.25
011010
3.25
101010
5.25
111010
7.25
001011
1.375
011011
3.375
101011
5.375
111011
7.375
001100
1.5
011100
3.5
101100
5.5
111100
7.5
001101
1.625
011101
3.625
101101
5.625
111101
7.625
001110
1.75
011110
3.75
101110
5.75
111110
7.75
001111
1.875
011111
3.875
101111
5.875
111111
≥7.875
Table 53. EXC8 - Excitation current measure 8 bit reference version A and B
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
00000000
0.00
01000000
3.20
10000000
6.40
11000000
9.60
00000001
0.05
01000001
3.25
10000001
6.45
11000001
9.65
00000010
0.10
01000010
3.30
10000010
6.50
11000010
9.70
00000011
0.15
01000011
3.35
10000011
6.55
11000011
9.75
00000100
0.20
01000100
3.40
10000100
6.60
11000100
9.80
00000101
0.25
01000101
3.45
10000101
6.65
11000101
9.85
00000110
0.30
01000110
3.50
10000110
6.70
11000110
9.90
00000111
0.35
01000111
3.55
10000111
6.75
11000111
9.95
00001000
0.40
01001000
3.60
10001000
6.80
11001000
10.00
00001001
0.45
01001001
3.65
10001001
6.85
11001001
10.05
00001010
0.50
01001010
3.70
10001010
6.90
11001010
10.10
00001011
0.55
01001011
3.75
10001011
6.95
11001011
10.15
00001100
0.60
01001100
3.80
10001100
7.00
11001100
10.20
00001101
0.65
01001101
3.85
10001101
7.05
11001101
10.25
00001110
0.70
01001110
3.90
10001110
7.10
11001110
10.30
00001111
0.75
01001111
3.95
10001111
7.15
11001111
10.35
00010000
0.80
01010000
4.00
10010000
7.20
11010000
10.40
00010001
0.85
01010001
4.05
10010001
7.25
11010001
10.45
00010010
0.90
01010010
4.10
10010010
7.30
11010010
10.50
00010011
0.95
01010011
4.15
10010011
7.35
11010011
10.55
00010100
1.00
01010100
4.20
10010100
7.40
11010100
10.60
00010101
1.05
01010101
4.25
10010101
7.45
11010101
10.65
L9918
Excitation current measure
DS13000 - Rev 2
page 83/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com