Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
SRrise
Rising voltage slew rate for
excitation driver
VB = 14 V,
R = 270 Ω (Measurement
is performed between
20 % and 80 % of the
slope with NVM bits any
SR_EXC)
0.8
1.9
3
V/µs
TFLRCUP,1
Load Response Control Time:
rise time (from 0 % to
100 % DC) in default mode
(LRD_DEF NVM bits)
0.9
1
1.1
s
TFLRCUP,2
1.8
2
2.2
s
TFLRCUP,3
2.7
3
3.3
s
TFLRCUP,4
3.6
4
4.4
s
TFLRCUP,5
4.5
5
5.5
s
TFLRCUP,6
5.4
6
6.6
s
TFLRCUP,7
6.3
7
7.7
s
TFLRCUP,8
7.2
8
8.8
s
TFLRCDW,1
Load Response Control Time:
return value (from 100 % to
0 % DC) in default mode
(LR_TV_INTEGTIME NVM
bits)
0.4
s
TFLRCDW,2
0.8
s
TFLRCDW,3
1.2
s
TFLRCDW,4
1.6
s
TFLRCDW,5
2.0
s
TFLRCDW,6
2.5
s
TFLRCDW,7
3.0
s
TFLRCDW,8
3.2
s
DFLRCBZ,1
Blind Zone in default mode
selectable by NVM bits
(TV_SPRUNG)
0
%
DFLRCBZ,2
0.8
%
DFLRCBZ,3
1.6
%
DFLRCBZ,4
2.4
%
DFLRCBZ,5
3.2
%
DFLRCBZ,6
4
%
DFLRCBZ,7
4.8
%
DFLRCBZ,8
5.6
%
DFLRCBZ,9
6.4
%
DFLRCBZ,10
7.2
%
DFLRCBZ,11
8
%
DFLRCBZ,12
8.8
%
DFLRCBZ,13
9.6
%
DFLRCBZ,14
10.4
%
DFLRCBZ,15
11.2
%
DFLRCBZ,16
12
%
DFLRCBZ,17
12.8
%
DFLRCBZ,18
13.6
%
L9918
EXC electrical characteristic
DS13000 - Rev 2
page 25/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com