Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics L9918 Datasheet HTML 62Page - STMicroelectronics L9918 Datasheet HTML 63Page - STMicroelectronics L9918 Datasheet HTML 64Page - STMicroelectronics L9918 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IE_P_ANT_PRE
7
0x13
Proportional part of current limitation regulation
control loop in pre-excitation
167 mA
0x14 159 mA
0x15 151 mA
0x16 144 mA
0x17 138 mA
0x18 132 mA
0x19 127 mA
0x1A 122 mA
0x1B 118 mA
0x1C 113 mA
0x1D 109 mA
IE_P_ANT_PRE
(continued)
7
0x1E 106 mA
Proportional part of current limitation regulation
control loop in pre-excitation
(continued)
0x1F 102 mA
0x20 99 mA
0x21 96 mA
0x22 93 mA
0x23 91 mA
0x24 88 mA
0x25 86 mA
0x26 84 mA
0x27 81 mA
0x28 79 mA
0x29 77 mA
0x2A 76 mA
0x2B 74 mA
0x2C 72 mA
0x2D 71 mA
0x2E 69 mA
0x2F 68 mA
0x30 66 mA
0x31 65 mA
0x32 64 mA
0x33 62 mA
0x34 61 mA
0x35 60 mA
0x36 59 mA
0x37 58 mA
0x38 57 mA
0x39 56 mA
0x3A 55 mA
L9918
NVM parameters table
DS13000 - Rev 2
page 61/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com