Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics L9918 Datasheet HTML 34Page - STMicroelectronics L9918 Datasheet HTML 35Page - STMicroelectronics L9918 Datasheet HTML 36Page - STMicroelectronics L9918 Datasheet HTML 37Page - STMicroelectronics L9918 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
Version
LIN CFG ID
Frame Type/#Bytes
Identifier Hex
Version A
LIN2
Tx_1A (2 bytes)
13
Tx_2A (2 bytes)
14
Tx_3A (4 bytes)
16
LIN3
Rx_A (4 bytes)
20
Tx_1A (2 bytes)
15
Tx_2A (2 bytes)
21
Tx_3A (4 bytes)
18
LIN4
Rx_A (4 bytes)
2A
Tx_1A (2 bytes)
13
Tx_2A (2 bytes)
11
Tx_3A (2 bytes)
16
Version B
LIN1
Rx_B (4 bytes)
29
Tx_1B (2 bytes)
12
Tx_2B (4 bytes)
15
LIN2
Rx_B (4 bytes)
2A
Tx_1B (2 bytes)
14
Tx_2B (4 bytes)
16
LIN3
Rx_B (4 bytes)
20
Tx_1B (2 bytes)
21
Tx_2B (4 bytes)
18
LIN4
Rx_B (4 bytes)
2A
Tx_1B (2 bytes)
11
Tx_2B (4 bytes)
16
Version C
LIN
Rx_C (4 bytes)
20
Tx_1C (4 bytes)
21
Tx_2C (2 bytes)
18
Version D
(with Iexc values)
LIN1
Rx_D (4 bytes)
29
Tx_1D (2 bytes)
11
Tx_2D (2 bytes)
12
LIN2
Rx_D (4 bytes)
2A
Tx_1D (2 bytes)
13
Tx_2D (2 bytes)
14
Version D
(with Temperature values)
LIN1
Rx_D (4 bytes)
29
Tx_1D (2 bytes)
11
Tx_2D (2 bytes)
12
LIN2
Rx_D (4 bytes)
2A
Tx_1D (2 bytes)
13
Tx_2D (2 bytes)
14
Version E
LIN
Rx_E (4 bytes)
29
Tx_1E (4 bytes)
21
Tx_2E (2 bytes)
12
L9918
LIN Frames
DS13000 - Rev 2
page 34/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com