Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 52Page - STMicroelectronics L9918 Datasheet HTML 53Page - STMicroelectronics L9918 Datasheet HTML 54Page - STMicroelectronics L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IFELD_OFFSET
3
0x1
Current limitation threshold correction offset
50 mA
0x2
100 mA
0x3
150 mA
0x4
-50 mA
0x5
-100 mA
0x6
-150 mA
0x7
-200 mA
ILIM_MODE
1
0x0
enhanced current limitation
Enhanced current limitation mode switching
0x1
old current limitation
IE_I_ANT
5
0x00 disabled
Integral part of current limitation regulation control
loop
0x01 tau = 106 ms
0x02 tau = 213 ms
0x03 tau = 320 ms
0x04 tau = 426 ms
0x05 tau = 533 ms
0x06 tau = 640 ms
0x07 tau = 746 ms
0x08 tau = 853 ms
0x09 tau = 960 ms
0x0A tau = 1066 ms
0x0B tau = 1173 ms
0x0C tau = 1280 ms
0x0D tau = 1386 ms
0x0E tau = 1493 ms
0x0F tau = 1600 ms
0x10 tau = 1706 ms
0x11 tau = 1813 ms
0x12 tau = 1920 ms
0x13 tau = 2026 ms
0x14 tau = 2133 ms
0x15 tau = 2240 ms
0x16 tau = 2346 ms
0x17 tau = 2453 ms
0x18 tau = 2560 ms
0x19 tau = 2666 ms
0x1A tau = 2773 ms
0x1B tau = 2880 ms
0x1C tau = 2986 ms
0x1D tau = 3093 ms
0x1E tau = 3200 ms
L9918
NVM parameters table
DS13000 - Rev 2
page 56/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com