Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
DFLRCBZ,19
Blind Zone in default mode
selectable by NVM bits
(TV_SPRUNG)
14.4
%
DFLRCBZ,20
15.2
%
DFLRCBZ,21
16
%
DFLRCBZ,22
16.8
%
DFLRCBZ,23
17.6
%
DFLRCBZ,24
18.4
%
DFLRCBZ,25
19.2
%
DFLRCBZ,26
20
%
DFLRCBZ,27
20.8
%
DFLRCBZ,28
21.6
%
DFLRCBZ,29
22.4
%
DFLRCBZ,30
23.2
%
DFLRCBZ,31
24
%
DFLRCBZ,32
24.8
%
TFDC_min,1
Minimum duty cycle
(SST_ULIM_TV0_EN)
0
%
TFDC_min,2
8
%
IFRO
Minimum excitation current
when EXC duty cycle is >
40 % for rotor open detection
0.5
A
IMAX_VE1
Excitation Current
Limitation in pre-excitation
state (IMAX_VE)
Imax_ve
_val
A
IMAX_VE2
Imax_ve
_val -0.2
A
IMAX_VE3
Imax_ve
_val
+0.2
A
IMAX_VE4
No Lim
A
EXC duty cycle communication
The duty cycle value applied on the power MOS that drivers the excitation coil of the alternator feeds a digital duty
cycle filter.
Table 10. EXC duty cycle communication
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
DFfilter,1
EXC duty cycle filter
(DFM_FILTER_TP)
13
ms
DFfilter,2
26
DFfilter,3
40
DFfilter,4
53
DFfilter,5
66
DFfilter,6
80
DFfilter,7
93
DFfilter,8
106
L9918
EXC electrical characteristic
DS13000 - Rev 2
page 26/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com