Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
4
High side driver output - EXC pin
Unless otherwise specified, all the electrical characteristics provided in this chapter refers to Tj between -40 °C
and 150 °C.
4.1
EXC electrical characteristic
Table 9. EXC electrical characteristics
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
Ron
Ron excitation driver
Tj = 150 °C; Isunk = 5 A
0.1
Ω
VFcircuit
Freewheeling circuit
Isourced = 5 A
-1.5
-0.1
V
IFleak
EXC leakage current
VB+ = 50 V; VF = 0 V
-15
0
µA
IFELD_MAXB1
Excitation driver default
current limitation
thresholds (IFELD_MAXB
NVM bits)
Tj = 25 °C
13
A
IFELD_MAXB2
Tj = 25 °C
I_max
value
(NVM)
A
IFELD_MAXB3
Tj = 25 °C
11
A
IFELD_MAXB4
Tj = 25 °C
12
A
IFmeas_acc,1
Excitation driver current
sense and current limitation
accuracy
0 < IEXC < 4 A
-0.2
+0.2
A
IFmeas_acc,2
4 < IEXC < 11 A
-5
5
%
IFmeas_acc,3
11 < IEXC < 13 A
-8
8
%
IFLIM_LDslope
Current limitation threshold
slope when device passes
from LIN to default regulation
0.337
0.375
0.413
A/s
IFOCP
Excitation driver overcurrent
protection value
Tj = 25 °C
13
15
17
A
TFOC_filter
Over-current filter time
6
7
8
µs
VFONdet
Voltage threshold ON-state
detection
0.9
1.1
1.3
V
VFONdet_hyst
Hysteresis on voltage
threshold ON-state detection
0.6
0.65
0.7
V
fFSW,1
EXC switching
frequency(PWM_FREQ)
190
200
210
Hz
fFSW,2
228
240
252
Hz
fFSW,3
285
300
315
Hz
fFSW,4
380
400
420
Hz
fFSWpreexc
EXC switching frequency in
pre-excitation
23.75
25
26.25
Hz
SRfall
Falling voltage slew rate for
excitation driver
VB = 14 V, R = 270 Ω
(Measurement, performed
between 80 % and 20 % of
the slope with NVM bits any
SR_EXC)
0.8
1.9
3
V/µs
L9918
High side driver output - EXC pin
DS13000 - Rev 2
page 24/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com