Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics L9918 Datasheet HTML 62Page - STMicroelectronics L9918 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IE_P_ANT
(continued)
7
0x4E
Proportional part of current limitation regulation
control loop. Referred to regulation mode state.
(continued)
41 mA
0x4F 40 mA
0x50 40 mA
0x51 39 mA
0x52 39 mA
0x53 38 mA
IE_P_ANT
(continued)
7
0x54 38 mA
Proportional part of current limitation regulation
control loop. Referred to regulation mode state.
(continued)
0x55 37 mA
0x56 37 mA
0x57 36 mA
0x58 36 mA
0x59 36 mA
0x5A 35 mA
0x5B 35 mA
0x5C 35 mA
0x5D 34 mA
0x5E 34 mA
0x5F 33 mA
0x60 33 mA
0x61 33 mA
0x62 32 mA
0x63 32 mA
0x64 32 mA
0x65 31 mA
0x66 31 mA
0x67 31 mA
0x68 31 mA
0x69 30 mA
0x6A 30 mA
0x6B 30 mA
0x6C 29 mA
0x6D 29 mA
0x6E 29 mA
0x6F 29 mA
0x70 28 mA
0x71 28 mA
0x72 28 mA
0x73 28 mA
0x74 27 mA
0x75 27 mA
L9918
NVM parameters table
DS13000 - Rev 2
page 59/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com