Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
Tsd,1
Thermal shutdown threshold
Temperature to disable EXC
driver for chip protection (set by
THERMAL_TH_SEL)
170
180
190
°C
Tsd,2
165
175
185
°C
Tsd,3
175
185
195
°C
Tsd,4
180
190
200
°C
Tsdhy
Thermal shut-down hysteresis
EXC from OFF STATE (due to
thermal shutdown) to ON STATE
2
6
10
°C
Temp_R
Tj for full functional and full spec
-40
150
°C
Temp_F
Tj for full functional with
parameters deviation
150
190
°C
Temp_SRctrl
Current SR disable temperature
Tj over which EXC current
slew rate control is disabled
(SR_HT_DIS)
125
135
145
°C
Temp_SRctrl_hi
st
Temp_SRctrl hysteresis
Hysteresis from “disabled”
state (entered because
Tj>Temp_SRctrl) to “enabled”
state
6
°C
Tstg, Tcase
Storage and case temperature
range
-40
150
°C
L9918
Product characteristics
DS13000 - Rev 2
page 12/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com