Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 67Page - STMicroelectronics L9918 Datasheet HTML 68Page - STMicroelectronics L9918 Datasheet HTML 69Page - STMicroelectronics L9918 Datasheet HTML 70Page - STMicroelectronics L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
ANZ_HT_EN
1
0x0
disable
Enable thermal compensation flag
0x1
enable
OVC_FLAG_EN
1
0x0
disable
Enabling of overcurrent flag.
0x1
enable
LRC_IEXC_FLAG_EN
1
0x0
disable
Enable LIN LRC_flag and IEXC_flag
0x1
enable
A.2
SetPoint tables
Table 40. SetPoint table: 6 bit (A6), 8 bit (A8)
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
10.600
000000 (OFF)
00000000
13.800
100000
10000000
10.625
00000001
13.825
10000001
10.650
00000010
13.850
10000010
10.675
00000011
13.875
10000011
10.700
000001
00000100
13.900
100001
10000100
10.725
00000101
13.925
10000101
10.750
00000110
13.950
10000110
10.775
00000111
13.975
10000111
10.800
000010
00001000
14.000
100010
10001000
10.825
00001001
14.025
10001001
10.850
00001010
14.050
10001010
10.875
00001011
14.075
10001011
10.900
000011
00001100
14.100
100011
10001100
10.925
00001101
14.125
10001101
10.950
00001110
14.150
10001110
10.975
00001111
14.175
10001111
11.000
000100
00010000
14.200
100100
10010000
11.025
00010001
14.225
10010001
11.050
00010010
14.250
10010010
11.075
00010011
14.275
10010011
11.100
000101
00010100
14.300
100101
10010100
11.125
00010101
14.325
10010101
11.150
00010110
14.350
10010110
11.175
00010111
14.375
10010111
11.200
000110
00011000
14.400
100110
10011000
11.225
00011001
14.425
10011001
11.250
00011010
14.450
10011010
11.275
00011011
14.475
10011011
11.300
000111
00011100
14.500
100111
10011100
L9918
SetPoint tables
DS13000 - Rev 2
page 71/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com