Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD8821 Datasheet (PDF) - NEC

UPD8821 Datasheet PDF - NEC
Part # UPD8821
Download  UPD8821 Download
File Size   292.48 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR

UPD8821 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD8821 Datasheet PDF - NEC

Part # UPD8821
Download  UPD8821 Click to download

File Size   292.48 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR

UPD8821 Datasheet (HTML) - NEC


UPD8821 Product details

DESCRIPTION
The μPD8821 is a high-speed and high sensitive color CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal and has the function of color separation. The μPD8821 has 3 rows of 7300 pixels, and it is a 2-output/color type CCD sensor with 2 rows/color of charge transfer register, which transfers the photo signal electrons of 7300 pixels separately in odd and even pixels. Therefore, it is suitable for 600dpi/A3 high-speed color digital copiers, color scanners and so on by the use of the package with heat sink thathas high heat radiation.

FEATURES
•Valid photocell  :  7300 pixels ×3
•Photocell pitch  :  10 μm
•Line spacing  :  40 μm (4 lines) Red line-Green line, Green line-Blue line
•Color filter  :  Primary colors (red, green, and blue), pigmentfilter (with 107lx•hour tolerant)
•Resolution  :  24 dot/mm A3 (297 ×420 mm) size (shorter side)
•Data rate  :  60 MHz MAX. (30 MHz/ch max.)
•Output type  :  2 outputs in phase/color
•Power supply  :  +10 V
•Drive clock level  :  CMOS output under 5 V operation
•On-chip circuits  :  Reset feed-through level clamp circuit
  Voltage amplifiers




Similar Part No. - UPD8821

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8821 RENESAS-UPD8821 Datasheet
407Kb / 26P
MOS INTEGRATED CIRCUIT
2006
UPD8821CZ-A RENESAS-UPD8821CZ-A Datasheet
407Kb / 26P
MOS INTEGRATED CIRCUIT
2006
More results


Similar Description - UPD8821

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
UPD8870 NEC-UPD8870 Datasheet
189Kb / 24P
10680 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
S15417EJ3V0DS00 RENESAS-S15417EJ3V0DS00_15 Datasheet
338Kb / 30P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
S15418EJ3V0DS00 RENESAS-S15418EJ3V0DS00_15 Datasheet
324Kb / 26P
7500 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
S17962EJ1V0DS00 RENESAS-S17962EJ1V0DS00_15 Datasheet
396Kb / 26P
7600 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD3788 RENESAS-PD3788_15 Datasheet
280Kb / 26P
7300 PIXELS 쨈 3 COLOR CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com