Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3788 Datasheet (PDF) - NEC

UPD3788 Datasheet PDF - NEC
Part # UPD3788
Download  UPD3788 Download
File Size   197.59 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

UPD3788 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD3788 Datasheet PDF - NEC

Part # UPD3788
Download  UPD3788 Click to download

File Size   197.59 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

UPD3788 Datasheet (HTML) - NEC


UPD3788 Product details

The µPD3788 is a high-speed and high sensitive color CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal and has the function of color separation.
The µPD3788 has 3 rows of 7300 pixels, and it is a 2-output/color type CCD sensor with 2 rows/color of charge transfer register, which transfers the photo signal electrons of 7300 pixels separately in odd and even pixels. Moreover, the spectral response characteristics of the µPD3788 is modified from the previous device µPD3728 to be suitable for Xe-lamp. Therefore, it is suitable for 600 dpi/A3 high-speed color digital copiers and so on.

FEATURES
• Valid photocell : 7300 pixels × 3
• Photocell pitch : 10 µm
• Photocell size : 10 × 10 µm2
• Line spacing : 40 µm (4 lines) Red line-Green line, Green line-Blue line
• Color filter : Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution : 24 dot/mm (600 dpi) A3 (297 × 420 mm) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate : 40 MHz MAX. (20 MHz/1 output)
• Output type : 2 outputs in phase/color
• Power supply : +12 V
• On-chip circuits : Reset feed-through level clamp circuits Voltage amplifiers




Similar Part No. - UPD3788

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3788 RENESAS-UPD3788 Datasheet
280Kb / 26P
MOS INTEGRATED CIRCUIT
2000
UPD3788D RENESAS-UPD3788D Datasheet
280Kb / 26P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD3788

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8821 NEC-UPD8821 Datasheet
292Kb / 24P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15417EJ3V0DS00 RENESAS-S15417EJ3V0DS00_15 Datasheet
338Kb / 30P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD3788 RENESAS-PD3788_15 Datasheet
280Kb / 26P
7300 PIXELS 쨈 3 COLOR CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com