Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4882 Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

AO4882 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # AO4882
Download  AO4882 Download
File Size   1596.36 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description Dual N-channel Enhancement Mode Power MOSFET

AO4882 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4882 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # AO4882
Download  AO4882 Click to download

File Size   1596.36 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description Dual N-channel Enhancement Mode Power MOSFET

AO4882 Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


AO4882 Product details

Features
VDS= 30V, ID= 9 A
RDS(ON) < 16 mΩ @ VGS = 10V
RDS(ON) < 24 mΩ @ VGS = 4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - AO4882

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4882 AOSMD-AO4882 Datasheet
349Kb / 5P
40V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4882 KEXIN-AO4882 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4882 VBSEMI-AO4882 Datasheet
1,004Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO4882 TECHPUBLIC-AO4882 Datasheet
2Mb / 4P
40V Dual N-Channel MOSFETs
logo
Guangdong Kexin Industr...
AO4882-HF KEXIN-AO4882-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Similar Description - AO4882

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com