Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4882 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4882 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4882
Download  AO4882 Download
File Size   349.32 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V Dual N-Channel MOSFET

AO4882 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4882 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4882
Download  AO4882 Click to download

File Size   349.32 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V Dual N-Channel MOSFET

AO4882 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4882 Product details

General Description
The AO4882 uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This is an all purpose device that is suitable for use in a wide range of power conversion applications.

Product Summary
    VDS                                        40V
    ID (at VGS=10V)                     8A
    RDS(ON) (at VGS=10V)  < 19mΩ
    RDS(ON) (at VGS=4.5V) < 27mΩ
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AO4882

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4882 KEXIN-AO4882 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4882 VBSEMI-AO4882 Datasheet
1,004Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO4882 TECHPUBLIC-AO4882 Datasheet
2Mb / 4P
40V Dual N-Channel MOSFETs
logo
BYCHIP ELECTRONICS CO.,...
AO4882 BYCHIP-AO4882 Datasheet
1Mb / 4P
Dual N-channel Enhancement Mode Power MOSFET
v1.0
logo
Guangdong Kexin Industr...
AO4882-HF KEXIN-AO4882-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Similar Description - AO4882

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4884 AOSMD-AO4884 Datasheet
203Kb / 6P
40V Dual N-Channel MOSFET
AO4614B AOSMD-AO4614B_11 Datasheet
238Kb / 7P
40V Dual P N-Channel MOSFET
AO4840 AOSMD-AO4840_11 Datasheet
316Kb / 5P
40V Dual N-Channel MOSFET
AON6884 AOSMD-AON6884 Datasheet
250Kb / 6P
40V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624_15 Datasheet
443Kb / 4P
40V Dual N-Channel MOSFET
SSF4624 GOOD-ARK-SSF4624 Datasheet
443Kb / 4P
40V Dual N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com