Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBDASPA2.13 Datasheet (PDF) - OSRAM GmbH

GBDASPA2.13 Datasheet PDF - OSRAM GmbH
Part # GBDASPA2.13
Download  GBDASPA2.13 Download
File Size   1744.32 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.

GBDASPA2.13 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBDASPA2.13 Datasheet PDF - OSRAM GmbH

Part # GBDASPA2.13
Download  GBDASPA2.13 Click to download

File Size   1744.32 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.

GBDASPA2.13 Datasheet (HTML) - OSRAM GmbH


GBDASPA2.13 Product details

Features
- Package: SMT package
- Typ. Radiation: 120°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 8.7 lm
- Luminous efficacy: typ. 31 lm/W





Similar Part No. - GBDASPA2.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
Architectural lighting
logo
ams AG
GBDASPA1.13 AMSCO-GBDASPA1.13 Datasheet
1Mb / 22P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.4
GBDASPA1.13-DTEP-24-1 AMSCO-GBDASPA1.13-DTEP-24-1 Datasheet
1Mb / 22P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.4
More results


Similar Description - GBDASPA2.13

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
logo
Lumileds Lighting Compa...
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
High Flux Density and Efficacy
logo
List of Unclassifed Man...
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
High Efficacy VIOLET LED Emitter
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
High Flux Density and Efficacy
20140714
logo
Seoul Semiconductor
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
High lumen output and efficacy
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GBDASPA1.13 AMSCO-GBDASPA1.13 Datasheet
1Mb / 22P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.4
GWDASPA1.EC AMSCO-GWDASPA1.EC Datasheet
1Mb / 26P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.6
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com