Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRCSSRML.24-TOUL-47-1 Datasheet (PDF) - OSRAM GmbH

GRCSSRML.24-TOUL-47-1 Datasheet PDF - OSRAM GmbH
Part # GRCSSRML.24-TOUL-47-1
Download  GRCSSRML.24-TOUL-47-1 Download
File Size   1763.33 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.

GRCSSRML.24-TOUL-47-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRCSSRML.24-TOUL-47-1 Datasheet PDF - OSRAM GmbH

Part # GRCSSRML.24-TOUL-47-1
Download  GRCSSRML.24-TOUL-47-1 Click to download

File Size   1763.33 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.

GRCSSRML.24-TOUL-47-1 Datasheet (HTML) - OSRAM GmbH


GRCSSRML.24-TOUL-47-1 Product details

Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 485 mW (color bin 5-7)
- Radiant effciency: typ 66.3%
- Photon Flux: typ. 2.58 umol/s
- Photon Flux Efficacy: typ. 3.53 umol/J




Similar Part No. - GRCSSRML.24-TOUL-47-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRCS8PM1.23 OSRAM-GRCS8PM1.23 Datasheet
763Kb / 22P
Accent and effect lighting
GRCSHPM1.23 OSRAM-GRCSHPM1.23 Datasheet
951Kb / 22P
Accent and effect lighting
More results


Similar Description - GRCSSRML.24-TOUL-47-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602N TI-PT7602N Datasheet
154Kb / 3P
The PT7602 is a new series of high-performance, 10A Integrated
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN1453 STMICROELECTRONICS-AN1453 Datasheet
132Kb / 9P
NEW FAMILY OF 150V POWER SCHOTTKY
Jul-2001
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
A new high-temperature TRIAC family
24-Apr-2009
logo
Vincotech
10-PZ07NIA075S5-P926F53Y VINCOTECH-10-PZ07NIA075S5-P926F53Y Datasheet
420Kb / 9P
High efficient with latest chip technology
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
Provide a new level of luminaire performance and design flexibility.
logo
List of Unclassifed Man...
6816INS ETC-6816INS Datasheet
4Mb / 2P
Same Klein Quality, brand new design
Rev. 09/22 A
logo
ams AG
GHCSSRML.24 AMSCO-GHCSSRML.24 Datasheet
1Mb / 22P
A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.
Version 1.0 2022-04-29
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com