Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3942ETG+ Datasheet (PDF) - Maxim Integrated Products

MAX3942ETG+ Datasheet PDF - Maxim Integrated Products
Part # MAX3942ETG+
Download  MAX3942ETG+ Download
File Size   227.7 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10Gbps Modulator Driver

MAX3942ETG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3942ETG+ Datasheet PDF - Maxim Integrated Products

Part # MAX3942ETG+
Download  MAX3942ETG+ Click to download

File Size   227.7 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10Gbps Modulator Driver

MAX3942ETG+ Datasheet (HTML) - Maxim Integrated Products


MAX3942ETG+ Product details

General Description
The MAX3942 is designed to drive high-speed optical modulators at data rates up to 10.7Gbps. It functions as a modulation circuit, with an integrated control op amp externally programmed by a DC voltage.
A high-bandwidth, fully differential signal path is internally implemented to minimize jitter accumulation. When a clock signal is available, the integrated data-retiming function can be selected to reject input-signal jitter.
The MAX3942 receives differential CML signals (ground referenced) with on-chip line terminations of 50Ω. Each of the differential outputs has an on-chip 50Ω resistor for back termination. The driver is able to deliver a modulation current of 40mAP-P to 120mAP-P, with an edge speed of 23ps (typical 20% to 80%). This modulation current reflects a modulation voltage of 1.0VP-P to 3.0VPP single ended or 2.0VP-P to 6.0VP-P differential.
The MAX3942 also includes an adjustable pulse-width control circuit to precompensate for asymmetrical modulator characteristics. It is available in a compact 4mm ✕ 4mm, 24-pin thin QFN package and operates over the -40°C to +85°C temperature range.

Features
♦ 23ps Edge Speed
♦ Single-Ended Modulation Voltage Up to 3VP-P
♦ Differential Modulation Voltage Up to 6VP-P
♦ Selectable Data-Retiming Latch
♦ Up to 10.7Gbps Operation
♦ 50Ω On-Chip Input and Output Terminations
♦ Pulse-Width Adjustment
♦ Enable and Polarity Controls
♦ ESD Protection

Applications
   Mach Zehnder Modulators
   Packaged Direct-Modulated Lasers
   SONET OC-192 and SDH STM-64 Transmission Systems
   DWDM Systems
   Long/Short-Reach Optical Transmitters
   10Gbps Ethernet




Similar Part No. - MAX3942ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3942EVKIT MAXIM-MAX3942EVKIT Datasheet
327Kb / 6P
Configured for Electrical Operation, No Laser Necessary
Rev 0; 12/03
More results


Similar Description - MAX3942ETG+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
GSM RF MODULATOR/DRIVER AMPLIFIER
logo
Agere Systems
LG1626DXC AGERE-LG1626DXC Datasheet
264Kb / 10P
LG1626DXC Modulator Driver
February 1999
logo
Maxim Integrated Produc...
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
logo
M/A-COM Technology Solu...
MAOM-010567-V1 MA-COM-MAOM-010567-V1 Datasheet
1Mb / 9P
Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
logo
M/A-COM Technology Solu...
MAOM-010567 MA-COM-MAOM-010567_15 Datasheet
1Mb / 9P
Optical Modulator Driver
logo
Integrated Device Techn...
GX62474 IDT-GX62474 Datasheet
171Kb / 2P
Linear MZ Modulator Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com