Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2 Datasheet (PDF) - Analog Devices

ADA4511-2 Datasheet PDF - Analog Devices
Part # ADA4511-2
Download  ADA4511-2 Download
File Size   2087.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 40 V, Rail-to-Rail Input and Output Op Amp

ADA4511-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4511-2 Datasheet PDF - Analog Devices

Part # ADA4511-2
Download  ADA4511-2 Click to download

File Size   2087.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, 40 V, Rail-to-Rail Input and Output Op Amp

ADA4511-2 Datasheet (HTML) - Analog Devices


ADA4511-2 Product details

FEATURES
► Low-offset voltage drift: ±2 μV/°C maximum
► Low-offset voltage: ±75 μV maximum
► Low-voltage noise: 1 μV p-p from 0.1 Hz to 10 Hz typical
► Low-voltage noise density: 5 nV/√Hz typical at f = 1 kHz
► High common-mode rejection: 140 dB typical
► Low-input bias current: ±10 pA maximum
► Wide gain bandwidth product: 10.4 MHz typical
► High slew rate: 19 V/μs typical
► Low THD: −134 dB at f = 1 kHz
► Low-quiescent supply current: 1.45 mA per amplifier typical
► Wide supply voltage operation: 6 V to 40 V, ±3 V to ±20 V
► Integrated EMI filter
► Multiplexer compatible inputs
► Rail-to-rail high impedance: differential and common-mode
► Fast settling time
► Rail-to-rail output
► No phase reversal
► Heavy capacitive load drive capability: 1 nF
► Wide specified temperature range: −40°C to +125°C
► Available in 8-lead, SOIC_N and 8-lead, MSOP packages
APPLICATIONS
► Multiplexed data acquisition systems
► Electronic test and measurement
► Automated test equipment
► Medical instruments
► Energy monitoring
► Precision current sensing
► Precision buffer
► Transimpedance amplifiers




Similar Part No. - ADA4511-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4510-2 AD-ADA4510-2 Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARMZ AD-ADA4510-2ARMZ Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARMZ-R7 AD-ADA4510-2ARMZ-R7 Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARMZ-RL AD-ADA4510-2ARMZ-RL Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARZ AD-ADA4510-2ARZ Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
More results


Similar Description - ADA4511-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
June 18, 2009
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
April 5, 2011
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com