Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQD005N04NM6SC Datasheet (PDF) - Infineon Technologies AG

IQD005N04NM6SC Datasheet PDF - Infineon Technologies AG
Part # IQD005N04NM6SC
Download  IQD005N04NM6SC Download
File Size   1235.0 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 6 Power‑Transistor, 40 V

IQD005N04NM6SC Datasheet (PDF)

Go To PDF Page Download Datasheet
IQD005N04NM6SC Datasheet PDF - Infineon Technologies AG

Part # IQD005N04NM6SC
Download  IQD005N04NM6SC Click to download

File Size   1235.0 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 6 Power‑Transistor, 40 V

IQD005N04NM6SC Datasheet (HTML) - Infineon Technologies AG


IQD005N04NM6SC Product details

Features
• N‑channel, normal level
• Very low on‑resistance RDS(on)
• Superior thermal resistance
• Optimized design for double side cooling
• 100% avalanche tested
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - IQD005N04NM6SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQD005N04NM6 INFINEON-IQD005N04NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2023-08-08
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
IQD005N04NM6CGSC INFINEON-IQD005N04NM6CGSC Datasheet
1,009Kb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 40 V
Revision 2.1 2024-07-10
More results


Similar Description - IQD005N04NM6SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IAUA250N04S6N007E INFINEON-IAUA250N04S6N007E Datasheet
780Kb / 12P
OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUA250N04S6N005 INFINEON-IAUA250N04S6N005 Datasheet
786Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUA250N04S6N008 INFINEON-IAUA250N04S6N008 Datasheet
823Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
IAUC120N04S6N013 INFINEON-IAUC120N04S6N013 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC60N04S6N044 INFINEON-IAUC60N04S6N044 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUCN04S6N007T INFINEON-IAUCN04S6N007T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-10
IAUCN04S6N009T INFINEON-IAUCN04S6N009T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
IAUCN04S6N013T INFINEON-IAUCN04S6N013T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.1 2023-08-21
IAUCN04S6N017T INFINEON-IAUCN04S6N017T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com