Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1 Datasheet (PDF) - Analog Devices

ADA4077-1 Datasheet PDF - Analog Devices
Part # ADA4077-1_V01
Download  ADA4077-1 Download
File Size   6464.04 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers

ADA4077-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4077-1 Datasheet PDF - Analog Devices

Part # ADA4077-1_V01
Download  ADA4077-1 Click to download

File Size   6464.04 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers

ADA4077-1 Datasheet (HTML) - Analog Devices


ADA4077-1 Product details

FEATURES
► Offset voltage:
► 25 μV maximum at 25°C (B grade, 8-lead SOIC, single/ dual)
► 50 μV maximum at 25°C (A grade, 8-lead SOIC, single/ dual)
► 50 μV maximum at 25°C (A grade, 14-lead SOIC, quad)
► Offset voltage drift:
► 0.25 μV/°C maximum (B grade, 8-lead SOIC, single/dual)
► 0.55 μV/°C maximum (A grade, 8-lead SOIC, single/dual)
► 0.75 μV/°C maximum (A grade, 14-lead SOIC, quad)
► MSL1 rated
► Low input bias current: 1 nA maximum at TA = 25°C
► Low voltage noise density: 6.9 nV/√Hz typical at f = 1000 Hz
► CMRR, PSRR, and AV > 120 dB minimum
► Low supply current: 400 μA per amplifier typical
► Wide gain bandwidth product: 3.9 MHz at ±5 V
► Dual-supply operation:
► Specified at ±5 V to ±15 V
► Operates at ±2.5 V to ±15 V
► Unity gain stable
► No phase reversal
► Long-term offset voltage drift (10,000 hours): 0.5 μV typical
► Temperature hysteresis: 1 μV typical
APPLICATIONS
► Process control front-end amplifiers
► Optical network control circuits
► Instrumentation
► Precision sensors and controls
► Precision filters




Similar Part No. - ADA4077-1_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-1ARMZ AD-ADA4077-1ARMZ Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
ADA4077-1ARMZ-R7 AD-ADA4077-1ARMZ-R7 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
ADA4077-1ARMZ-RL AD-ADA4077-1ARMZ-RL Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
ADA4077-1ARZ AD-ADA4077-1ARZ Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
ADA4077-1ARZ-R7 AD-ADA4077-1ARZ-R7 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
More results


Similar Description - ADA4077-1_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4208 MAXIM-MAX4208 Datasheet
250Kb / 17P
Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4208 MAXIM-MAX4208_09 Datasheet
222Kb / 17P
Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Texas Instruments
TLV376 TI1-TLV376 Datasheet
1Mb / 34P
TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
ADA4077-1 AD-ADA4077-1 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
logo
Texas Instruments
OPA891 TI1-OPA891 Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com