Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet (PDF) - Analog Devices

ADA4077-1ARMZ-R7 Datasheet PDF - Analog Devices
Part # ADA4077-1ARMZ-R7
Download  ADA4077-1ARMZ-R7 Download
File Size   744.95 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers

ADA4077-1ARMZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4077-1ARMZ-R7 Datasheet PDF - Analog Devices

Part # ADA4077-1ARMZ-R7
Download  ADA4077-1ARMZ-R7 Click to download

File Size   744.95 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers

ADA4077-1ARMZ-R7 Datasheet (HTML) - Analog Devices


ADA4077-1ARMZ-R7 Product details

GENERAL DESCRIPTION
The single ADA4077-1, dual ADA4077-2, and quad ADA4077-4 amplifiers feature extremely low offset voltage and drift, and low input bias current, noise, and power consumption. Outputs are stable with capacitive loads of more than 1000 pF with no external compensation.
Applications for this amplifier include sensor signal conditioning (such as thermocouples, resistance temperature detectors (RTDs), strain gages), process control front-end amplifiers, and precision diode power measurement in optical and wireless transmission systems. The ADA4077-1/ADA4077-2/ADA4077-4 are useful in line powered and portable instrumentation, precision filters, and voltage or current measurement and level setting.
Unlike other amplifiers, the ADA4077-1/ADA4077-2/ADA4077-4 have an MSL1 rating that is compliant with the most stringent of assembly processes, and they are specified over the extended industrial temperature range from −40°C to +125°C for the most demanding operating environments.
The ADA4077-1 and ADA4077-2 are available in an 8-lead SOIC package, including the B grade, and in an 8-lead MSOP (A grade only). The ADA4077-4 is offered in a 14-lead TSSOP and a 14-lead SOIC package.

FEATURES
   Offset voltage:
      25 μV maximum at 25°C (B grade, 8-lead SOIC, single/ dual)
      50 μV maximum at 25°C (A grade, 8-lead SOIC, single/ dual)
      50 μV maximum at 25°C (A grade, 14-lead SOIC, quad)
   Offset voltage drift:
      0.25 μV/°C maximum (B grade, 8-lead SOIC, single/dual)
      0.55 μV/°C maximum (A grade, 8-lead SOIC, single/dual)
      0.75 μV/°C maximum (A grade, 14-lead SOIC, quad)
   MSL1 rated
   Low input bias current: 1 nA maximum at TA = 25°C
   Low voltage noise density: 6.9 nV/√Hz typical at f = 1000 Hz
   CMRR, PSRR, and AV > 120 dB minimum
   Low supply current: 400 μA per amplifier typical
   Wide gain bandwidth product: 3.9 MHz at ±5 V
   Dual-supply operation:
      Specified at ±5 V to ±15 V
      Operates at ±2.5 V to ±15 V
   Unity gain stable
   No phase reversal
   Long-term offset voltage drift (10,000 hours): 0.5 μV typical
   Temperature hysteresis: 1 μV typical

APPLICATIONS
   Process control front-end amplifiers
   Optical network control circuits
   Instrumentation
   Precision sensors and controls
   Precision filters




Similar Part No. - ADA4077-1ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-1ARMZ-R7 AD-ADA4077-1ARMZ-R7 Datasheet
6Mb / 25P
4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
Rev. F
More results


Similar Description - ADA4077-1ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com