Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4077-1ARMZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4077-1ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 5 of 25
ELECTRICAL CHARACTERISTICS, ±15 V
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
ADA4077-1/ADA4077-2
B Grade, SOIC
10
35
µV
−40°C < T
A < +125°C
65
µV
A Grade, SOIC
15
50
µV
−40°C < T
A < +125°C
105
µV
A Grade, MSOP
50
90
µV
−40°C < T
A < +125°C
220
µV
ADA4077-4
A Grade, SOIC
15
50
µV
−40°C < T
A < +125°C
105
µV
A Grade, TSSOP
15
120
µV
−40°C < T
A < +125°C
220
µV
Offset Voltage Drift
∆V
OS/∆T
ADA4077-1/ADA4077-2
B Grade, SOIC
−40°C < T
A < +125°C
0.1
0.25
µV/°C
A Grade, SOIC
−40°C < T
A < +125°C
0.25
0.55
µV/°C
A Grade, MSOP
−40°C < T
A < +125°C
0.5
1.2
µV/°C
ADA4077-4
A Grade, SOIC
−40°C < T
A < +125°C
0.4
0.75
µV/°C
A Grade, TSSOP
−40°C < T
A < +125°C
0.5
1.2
µV/°C
Input Bias Current
I
B
−1
−0.4
+1
nA
−40°C < T
A < +125°C
−1.5
+1.5
nA
Input Offset Current
I
OS
−0.5
+0.1
+0.5
nA
−40°C < T
A < +125°C
−1
+1
nA
Input Voltage Range
−13.8
+13
V
Common-Mode Rejection Ratio
CMRR
V
CM = −13.8 V to +13 V
132
150
dB
−40°C < T
A < +125°C
130
dB
Large Signal Voltage Gain
Av
ADA4077-1/ADA4077-2 (SOIC, MSOP)
R
L = 2 kΩ, VO = −13.0 V to +13.0 V
125
130
dB
−40°C < T
A < +125°C
120
dB
ADA4077-4 (SOIC, TSSOP)
R
L = 2 kΩ, VO = −13.0 V to +13.0 V
122
130
dB
−40°C < T
A < +125°C
120
dB
Input Capacitance
C
INDM
Differential mode
3
pF
C
INCM
Common mode
5
pF
Input Resistance
R
IN
Common mode
70
GΩ
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
I
L = 1 mA
13.8
V
−40°C < T
A < +125°C
13.7
V
Output Voltage Low
V
OL
I
L = 1 mA
−13.8
V
−40°C < T
A < +125°C
−13.7
V
Output Current
I
OUT
V
DROPOUT < 1.2 V
±10
mA
Short-Circuit Current
I
SC
T
A = 25°C
22
mA
Closed-Loop Output Impedance
Z
OUT
f = 1 kHz, A
V = +1
0.05
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com