Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4077-1ARMZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4077-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 17 of 25
Figure 47. Small Signal Transient Response, VSY = ±5 V
Figure 48. Positive Overload Recovery, VSY = ±5 V
Figure 49. Negative Overload Recovery, VSY = ±5 V
Figure 50. Small Signal Transient Response, VSY = ±15 V
Figure 51. Positive Overload Recovery, VSY = ±15 V
Figure 52. Negative Overload Recovery, VSY = ±15 V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TIME (ms)
VSY = ±5V
VIN = 100mV p-p
AV = +1
LOAD = 2kΩ||1000pF
TIME (10µs/DIV)
0.5
0
–0.5
–1
1
3
5
VSY = ±5V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT
TIME (10µs/DIV)
0.5
0
–0.5
–5
–3
–1
1
VSY = ±5V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TIME (ms)
VSY = ±15V
VIN = 100mV p-p
AV = +1
LOAD = 2kΩ||1000pF
–5
0
5
10
15
20
25
30
35
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
–10
0
10
20
30
40
50
60
70
90
80
TIME (µs)
VSY = ±15V
VIN = 200mV p-p
AV = –100
LOAD = 10kΩ
TIME (10µs/DIV)
0.5
0
–0.5
–15
–10
–5
0
VSY = ±15V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com