Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4077-1ARMZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4077-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ADA4077-1/ADA4077-2/ADA4077-4
Data Sheet
Rev. D | Page 12 of 25
Figure 17. TCVOS (TSSOP and MSOP, A Grade)
Figure 18. Offset Voltage (VOS) vs. Voltage Supplies (VSY)
Figure 19. Offset Voltage (VOS) vs. Common-Mode Voltage (VCM), VSY = ±15 V
Figure 20. TCVOS (SOIC, A Grade)
Figure 21. TCVOS (SOIC, B Grade)
Figure 22. Supply Current per Amplifier (ISY) vs. Power Supply Voltage (VSY)
TCVOS (µV/°C)
0
5
10
15
20
25
30
35
40
45
50
VSY = ±15V, ±5V
TSSOP AND MSOP, A GRADE
10
–10
0
35
VSY (V)
–5
0
5
5
10
15
20
25
30
–100
–80
–60
–40
–20
0
20
40
60
80
100
–15 –13 –11 –9 –7 –5 –3 –1
1
3
5
7
9
11 13 15
VCM (V)
AVERAGE
AVERAGE +3σ
AVERAGE –3σ
VS = ±15V
–15V ≤ VCM ≤ +15V
0
10
20
30
40
50
60
70
TCVOS (µV/°C)
VSY = ±15V, ±5V
SOIC, A GRADE
0
20
40
60
80
100
120
140
TCVOS (µV/°C)
VSY = ±15V, ±5V
SOIC, B GRADE
0
0.2
0.4
0.6
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
VSY (V)
+25°C
–40°C
+85°C
+125°C
VO = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com