Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4077-1ARMZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4077-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 15 of 25
Figure 35. PSRR vs. Temperature, VSY = ±5 V to ±15 V
Figure 36. PSRR vs. Frequency, VSY = ±5 V
Figure 37. CMRR vs. Temperature, VSY = ±5 V
Figure 38. CMRR vs. Frequency, VSY = ±5 V and VSY = ±15 V
Figure 39. PSRR vs. Frequency, VSY = ±15 V
Figure 40. CMRR vs. Temperature, VSY = ±15 V
124
125
126
127
128
129
130
131
132
133
–50
0
50
100
–25
25
TEMPERATURE (°C)
75
125
VSY = ±5V TO ±15V
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR–
PSRR+
VSY = ±5V
141
142
143
144
145
146
147
148
149
150
151
152
–50
0
50
–25
25
TEMPERATURE (°C)
75
100
125
VSY = ±5V
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±15V
VSY = ±5V
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR–
PSRR+
VSY = ±15V
153
154
155
156
157
158
159
–50
0
50
–25
25
TEMPERATURE (°C)
75
100
125
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com