Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4077-1ARMZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4077-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADA4077-1/ADA4077-2/ADA4077-4
Data Sheet
Rev. D | Page 14 of 25
Figure 29. Output Saturation Voltage vs. ILOAD, Sink Current, VSY = ±5 V
Figure 30. Output Saturation Voltage vs. ILOAD, Source Current, VSY = ±5 V
Figure 31. Open-Loop Gain and Phase vs. Frequency, VSY = ±5 V
Figure 32. Output Saturation Voltage vs. ILOAD, Sink Current, VSY = ±15 V
Figure 33. Output Dropout Voltage vs. ILOAD, Source Current, VSY = ±15 V
Figure 34. Open-Loop Gain and Phase vs. Frequency, VSY = ±15 V
100
1k
10k
0.001
0.01
0.1
1
10
100
ILOAD (mA)
ISINK = –40°C
ISINK = +25°C
ISINK = +85°C
ISINK = +125°C
VS = ±5V
–40°C ≤ T ≤ +125°C
100
1k
10k
0.001
0.01
0.1
1
10
100
ILOAD (mA)
ISOURCE = –40°C
ISOURCE = +25°C
ISOURCE = +85°C
ISOURCE = +125°C
VS = ±5V
–40°C ≤ T ≤ +125°C
–150
–100
–50
0
50
100
150
–150
–100
–50
0
50
100
150
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN WITH CL = 0pF
GAIN WITH CL = 100pF
GAIN WITH CL = 200pF
PHASE WITH CL = 0pF
PHASE WITH CL = 100pF
PHASE WITH CL = 200pF
VSY = ±5V
AV = –1
RL = 2kΩ
100
1k
10k
100k
0.001
0.01
0.1
1
10
100
ILOAD (mA)
ISINK = –40°C
ISINK = +25°C
ISINK = +85°C
ISINK = +125°C
VS = ±15V
–40°C ≤ T ≤ +125°C
100
1k
10k
100k
0.001
0.01
0.1
1
10
100
ILOAD (mA)
ISOURCE = –40°C
ISOURCE = +25°C
ISOURCE = +85°C
ISOURCE = +125°C
VS = ±15V
–40°C ≤ T ≤ +125°C
–150
–100
–50
0
50
100
150
–150
–100
–50
0
50
100
150
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
AV = –1
RL = 2kΩ
GAIN WITH CL = 0pF
GAIN WITH CL = 100pF
GAIN WITH CL = 200pF
PHASE WITH CL = 0pF
PHASE WITH CL = 100pF
PHASE WITH CL = 200pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com